Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM89516B Datasheet(PDF) 20 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 20 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 16Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 17Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 18Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 21Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 22Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 23Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 24Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 20 -
OME
On-chip 768B expanded RAM
Bank 0 (256B)
Bank 1 (256B)
Bank 2 (256B)
768
Bytes
MOVX @Ri instrcution
A[9:0]
MOVX @DPTR instrcution
SEL
DPTR
{RAMS1,RAMS0,@Ri}
DPTR
{DBANK[3:0],direct
address}
Chip selection of on-chip expanded RAM
READ
WRITE
Control Logic
DBANK[7]
{RAMS1,RAMS0}
MUX
Fig. 3-3: Access on-chip expanded RAM scheme
Method 2 : By direct addressing MOV instruction
The 768B on-chip expanded data RAM and 256B scratchpad RAM is combined together to form a 1KB memory
space. This 1KB space is logically partitioned into 16 pieces of 64B RAM bank. This 1KB space can be accessed
through a single-addressing-type MOV instruction with bank-switch technique. In this technique, the 64B address
range $40 - $7F in direct addressing MOV instruction is used as mapping window and is concatenated with bit3 –
bit0 in DBANK register to address up to 1KB memory space.
While accessed by direct addressing MOV instruction, the 768B expanded RAM is address-offset by 256 bytes
upward and concatenates with scratchpad RAM to form a 1KB memory space. Hence 768B expanded RAM
occupies address space from $100 to $2FF and 256B scratchpad RAM is located from $000 to $0FF.
With the address mapping window and bank switching scheme, user can use single type MOV instruction to access
entire 1K bytes on-chip data memory space. For example, users can have following assembly codes to write data
0x30 into expanded 768B data ram address $101 :
MOV
DBANK,#88H
MOV
A,#30H
MOV
41H, A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com