Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM89516B Datasheet(PDF) 29 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 29 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 25Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 26Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 27Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 28Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 29Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 30Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 31Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 32Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 33Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 29 -
7.
Timer 2
Timer2 is a 16-bit timer/counter which can operate as either an event timer or an event counter as selected by C/T2
in the special function register T2CON.
Mnemonic
Description
Dir.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RST
Timer 2
TL2
Timer 2 , low
byte
CCh
TL2[7:0]
00h
TH2
Timer 2 , high
byte
CDh
TH2[7:0]
00h
RCAP2L
Reload and
capture data low
byte
CAh
RCAP2L[7:0]
00h
RCAP2H
Reload and
capture data
high byte
CBh
RCAP2H[7:0]
00h
T2MOD
Timer 2 Mode
C9h
-
-
-
-
-
-
T2OE
DCEN
00h
T2CON
Timer 2 Control
Register
C8h
TF2
EXF2
RCLK
TCLK
EXEN
2
TR2
C/
T2
CP/
RL2
00h
Mnemonic: T2MOD
Address: 98h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
-
-
T2OE
DCEN
00H
T2OE: Timer 2 Output Enable bit. It enables Timer 2 overflow rate to toggle P1.0.
DCEN: Down Count Enable bit. When set, this allows Timer 2 to be configured as an up/down
Counter.
Mnemonic: T2CON
Address: 98h
7
6
5
4
3
2
1
0
Reset
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/
T2
CP/
RL2
00H
TF2: Timer 2 overflow flag is set by a Timer 2 overflow and must be cleared by software. TF2
will not be set when either RCLK = 1 or TCLK = 1.
EXF2: Timer 2 external flag is set when either a capture or reload is caused by a negative
transition on T2EX and EXEN2 = 1. When Timer 2 interrupt is enabled, EXF2 = 1 will
cause the CPU to vector to the Timer 2 interrupt routine. EXF2 must be cleared by
software. EXF2 does not cause an interrupt in up/down counter mode (DCEN = 1).
RCLK: Receive clock enable. When set, causes the serial port to use Timer 2 overflow pluses
for it’s receive clock in serial port Modes 1 and 3. RCLK = 0 causes Timer 1 overflows to
be used for the receive clock.
TCLK: Transmit clock enable. When set, causes the serial port to use Timer 2 overflow pulses
for it’s transmit clock in serial port Modes 1 and 3. TCLK = 0 causes Timer 1 overflows to
be used for the transmit clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com