Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/TQ Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 25Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 26Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 27Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 28Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 29Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 30Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 31Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 32Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 29
PIC16C64X & PIC16C66X
5.0
I/O PORTS
The PIC16C641 and PIC16C642 have three ports,
PORTA,
PORTB,
and
PORTC.
PIC16C661
and
PIC16C662 devices have five ports, PORTA through
PORTE. Some pins for these I/O ports are multiplexed
with alternate functions for the peripheral features on
the device. In general, when a peripheral is enabled,
that pin may not be used as a general purpose I/O pin.
5.1
PORTA and TRISA Registers
PORTA is a 6-bit wide latch. RA4 is a Schmitt Trigger
input and an open drain output. Pin RA4 is multiplexed
with the T0CKI clock input. All other RA port pins have
Schmitt Trigger input levels and full CMOS output driv-
ers. All pins have data direction bits (TRIS registers)
which can configure these pins as input or output.
Setting a bit in the TRISA register puts the correspond-
ing output driver in a hi-impedance mode. Clearing a bit
in the TRISA register puts the contents of the output
latch on the selected pin.
Reading the PORTA register reads the status of the
pins, whereas writing to it will write to the port latch. All
write operations are read-modify-write operations.
Therefore, a write to a port implies that the port pins are
read, this value is modified, and then written to the port
data latch.
The PORTA pins are multiplexed with comparator and
voltage reference functions. The operation of these
pins are selected by control bits in the CMCON
(comparator control register) register and the VRCON
(voltage reference control) register. When selected as
comparator inputs, these pins will read as '0's.
FIGURE 5-1:
BLOCK DIAGRAM OF
RA1:RA0 PINS
TRISA controls the direction of the RA pins, even when
they are being used as comparator inputs. The user
must make sure to keep the pins configured as inputs
when using them as comparator inputs.
The RA2 pin will also function as the output for the
voltage reference. When in this mode, the VREF pin is
a very hi-impedance output. The user must set the
TRISA<2> bit and use hi-impedance loads.
In one of the comparator modes defined by the
CMCON register, pins RA3 and RA4 become outputs
of the comparators. The TRISA<4:3> bits must be
cleared to enable outputs to use this function.
EXAMPLE 5-1:
INITIALIZING PORTA
CLRF
PORTA
;Initialize PORTA by
;clearing output latches
MOVLW
0x07
;Turn comparators off,
MOVWF
CMCON
;enable pins for I/O
BSF
STATUS, RP0
;Select bank1
MOVLW
0x1F
;Value to initialize
;data direction
MOVWF
TRISA
;Set RA<4:0> as inputs
;TRISA<7:5> are clear
Note:
On reset, the TRISA register is set to all
inputs. The digital inputs are disabled and
the comparator inputs are forced to ground
to reduce excess current consumption.
Note: I/O pins have protection diodes to VDD and VSS.
Data
bus
Q
D
Q
CK
P
N
WR
Port
WR
TRIS
Data Latch
TRIS Latch
RD TRIS
RD PORT
Analog
VSS
VDD
I/O Pin
Q
D
Q
CK
Input Mode
D
Q
EN
To Comparator
Schmitt Trigger
Input Buffer
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com