Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/TQ Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 87Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 88Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 89Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 90Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 91Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 92Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 93Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 94Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 91
PIC16C64X & PIC16C66X
12.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings †
Ambient Temperature under bias ............................................................................................................. –40
° to +125°C
Storage Temperature ............................................................................................................................... –65
° to +150°C
Voltage on any pin with respect to VSS (except VDD and MCLR) .....................................................–0.3V to VDD + 0.3V
Voltage on VDD with respect to VSS ................................................................................................................ 0 to +7.5V
Voltage on MCLR with respect to VSS (Note 2) .................................................................................................0 to +14V
Total power Dissipation (Note 1) ...............................................................................................................................1.0W
Maximum Current out of VSS pin ..........................................................................................................................300 mA
Maximum Current into VDD pin .............................................................................................................................250 mA
Input Clamp Current, IIK (VI<0 or VI> VDD)
.......................................................................................................................±20 mA
Output Clamp Current, IOK (Vo <0 or Vo>VDD)
................................................................................................................±20 mA
Maximum Output Current sunk by any I/O pin ........................................................................................................25 mA
Maximum Output Current sourced by any I/O pin...................................................................................................25 mA
Maximum current sunk by PORTA, PORTB, and PORTE (combined) (Note 2) ...................................................200 mA
Maximum current sourced by PORTA, PORTB, and PORTE (combined) (Note 2) ..............................................200 mA
Maximum current sunk by PORTC and PORTD (combined) (Note 2) ..................................................................200 mA
Maximum current sourced by PORTC and PORTD (combined) (Note 2).............................................................200 mA
Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL)
Note 2: PORTD and PORTE are not implemented on the PIC16C641 and PIC16C642.
TABLE 12-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
OSC
PIC16C641-04
PIC16C642-04
PIC16C661-04
PIC16C662-04
PIC16C641-10
PIC16C642-10
PIC16C661-10
PIC16C662-10
PIC16C641-20
PIC16C642-20
PIC16C661-20
PIC16C662-20
PIC16LC641-04
PIC16LC642-04
PIC16LC661-04
PIC16LC662-04
JW Devices
RC
VDD: 4.0V to 6.0V
IDD:
5 mA max. @ 5.5V
IPD:
21
µA max. @ 4.0V
Freq: 4.0 MHz max.
VDD: 4.5V to 5.5V
IDD:
2.7 mA typ. @ 5.5V
IPD:
1.5
µA typ. @ 4.0V
Freq: 4.0 MHz max.
VDD: 4.5V to 5.5V
IDD:
2.7 mA typ. @ 5.5V
IPD:
1.5
µA typ. @ 4.0V
Freq: 4.0 MHz max.
VDD: 3.0V to 6.0V
IDD:
2.0 mA typ. @ 3.0V
IPD:
0.9
µA typ. @ 3.0V
Freq: 4.0 MHz max.
VDD: 4.0V to 6.0V
IDD:
5 mA max. @ 5.5V
IPD:
21
µA max. @ 4.0V
Freq: 4.0 MHz Max.
XT
VDD: 4.0V to 6.0V
IDD:
5 mA max. @ 5.5V
IPD:
21
µA max. @ 4.0V
Freq: 4.0 MHz max.
VDD: 4.5V to 5.5V
IDD:
2.7 mA typ. @ 5.5V
IPD:
1.5
µA typ. @ 4.0V
Freq: 4.0 MHz max.
VDD: 4.5V to 5.5V
IDD:
2.7 mA typ. @ 5.5V
IPD:
1.5
µA typ. @ 4.0V
Freq: 4.0 MHz max.
VDD: 3.0V to 6.0V
IDD:
2.0 mA typ. @ 3.0V
IPD:
0.9
µA typ. @ 3.0V
Freq: 4.0 MHz max.
VDD: 4.0V to 6.0V
IDD:
5 mA max. @ 5.5V
IPD:
21
µA max. @ 4.0V
Freq: 4.0 MHz max.
HS
VDD: 4.5V to 5.5V
IDD:
13.5 mA typ. @ 5.5V
IPD:
1.5
µA typ. @ 4.5V
Freq: 4.0 MHz max.
VDD: 4.5V to 5.5V
IDD:
30 mA max. @ 5.5V
IPD:
1.5
µA typ. @ 4.5V
Freq: 10 MHz max.
VDD: 4.5V to 5.5V
IDD:
30 mA max. @ 5.5V
IPD:
1.5
µA typ. @ 4.5V
Freq: 20 MHz max.
Do not use in HS mode
VDD: 4.5V to 5.5V
IDD:
30 mA max. @ 5.5V
IPD:
1.5
µA typ. @ 4.5V
Freq: 10 MHz max.
LP
VDD: 4.0V to 6.0V
IDD:
52.5
µA typ. @
32 kHz, 4.0V
IPD:
0.9
µA typ. @ 4.0V
Freq: 200 kHz max.
Do not use in LP mode
Do not use in LP mode
VDD: 3.0V to 6.0V
IDD:
48
µA max. @
32 kHz, 3.0V
IPD:
5.0
µA max. @ 3.0V
Freq: 200 kHz max.
VDD: 3.0V to 6.0V
IDD:
48
µA max. @
32 kHz, 3.0V
IPD:
5.0
µA max. @ 3.0V
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications. It is recommended that
the user select the device type that ensures the specifications required.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com