Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/TQ Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 91Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 92Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 93Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 94Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 95Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 96Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 97Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 98Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 95
PIC16C64X & PIC16C66X
VOH
Output High Voltage (3)
D090
I/O ports (Except RA4)
VDD-0.7
-
-
V
IOH = -3.0 mA, VDD = 4.5V,
-40
° to +85°C
VDD-0.7
-
-
V
IOH = -2.5 mA,
VDD = 4.5V, +125
°C
D092
OSC2/CLKOUT
VDD-0.7
-
-
V
IOH = -1.3 mA, VDD=4.5V,
-40
° to +85°C
(RC only)
VDD-0.7
-
-
V
IOH = -1.0 mA,
VDD = 4.5V, +125
°C
Capacitive Loading Specs
on Output Pins
D100
COSC2 OSC2 pin
-
-
15
pF
In XT, HS and LP modes when
external clock used to drive OSC1.
D101
CIO
All I/O pins/OSC2 (in RC mode)
-
-
50
pF
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40
°C ≤ TA ≤ +85°C
for industrial,
0
°C
≤ TA ≤ +70°C
commercial, and
–40
°C ≤ TA ≤ +125°C automotive
Operating voltage VDD range as described in DC spec Section 12.1 and 12.2
Param
No.
Sym
Characteristic
Min
Typ
†
Max
Unit
Conditions
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the
PIC16C64X & PIC16C66X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified levels repre-
sent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com