Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/TQ Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 15Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 16Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 17Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 18Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 19Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 20Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 21Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 22Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 19
PIC16C64X & PIC16C66X
FIGURE 4-4:
PIC16C642/662 DATA
MEMORY MAP
INDF(1)
TMR0
PCL
STATUS
FSR
PORTA
PORTB
PCLATH
INTCON
PIR1
CMCON
INDF(1)
OPTION
PCL
STATUS
FSR
TRISA
TRISB
PCLATH
INTCON
PIE1
PCON
VRCON
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
20h
A0h
General
Purpose
Register
7Fh
FFh
Bank 0
Bank 1
File
Address
Unimplemented data memory loca-
tions, read as '0'.
Note 1: Not a physical register.
2: Not implemented on the PIC16C642.
File
Address
PORTC
TRISC
PORTD(2)
TRISD(2)
PORTE(2)
TRISE(2)
General
Purpose
Register
Mapped
in Bank 0
EFh
F0h
4.2.2
SPECIAL FUNCTION REGISTERS
The special function registers are registers used by the
CPU and Peripheral Modules for controlling the desired
operation of the device (Table 4-1). These registers are
static RAM.
The special function registers can be classified into two
sets (core and peripheral). The special function regis-
ters associated with the “core” functions are described
in this section. Those related to the operation of the
peripheral features are described in the section of that
peripheral feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com