Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/TQ Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 5Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 6Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 7Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 8Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 9Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 10Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 11Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 12Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 9
PIC16C64X & PIC16C66X
3.0
ARCHITECTURAL OVERVIEW
The
high
performance
of
the
PIC16C64X
&
PIC16C66X devices can be attributed to a number of
architectural features commonly found in RISC micro-
processors.
To
begin
with,
the
PIC16C64X
&
PIC16C66X use a Harvard architecture in which pro-
gram and data are accessed from separate memories
using separate buses. This improves bandwidth over
traditional von Neumann architecture where program
and data are fetched from the same memory. Separat-
ing program and data memory further allows instruc-
tions to be sized differently than an 8-bit wide data
word. Instruction opcodes are 14-bits wide making it
possible to have all single word instructions. A 14-bit
wide program memory access bus fetches a 14-bit
instruction in a single cycle. A two-stage pipeline over-
laps fetch and execution of instructions. Consequently,
all instructions (35) execute in a single cycle (200 ns @
20 MHz) except for program branches, which require
two cycles.
The PIC16C641 and PIC16C661 both address 2K x 14
on-chip program memory while the PIC16C642 and
PIC16C662 address 4K x 14. All program memory is
internal.
PIC16C64X & PIC16C66X devices can directly or indi-
rectly address their register files or data memory. All
special function registers including the program
counter are mapped in the data memory. These
devices have an orthogonal (symmetrical) instruction
set that makes it possible to carry out any operation on
any register using any addressing mode. This symmet-
rical nature and lack of ‘special optimal situations’
make programming with the PIC16C64X & PIC16C66X
simple yet efficient. In addition, the learning curve is
reduced significantly.
PIC16C64X & PIC16C66X devices contain an 8-bit
ALU and working register. The ALU is a general pur-
pose arithmetic unit. It performs arithmetic and Bool-
ean functions between data in the working register and
any register file.
The ALU is 8-bits wide and capable of addition,
subtraction, shift, and logical operations. Unless
otherwise mentioned, arithmetic operations are two's
complement in nature. In two-operand instructions,
typically
one
operand
is
the
working
register
(W register). The other operand is a file register or an
immediate constant. In single operand instructions, the
operand is either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC), and
Zero (Z) bits in the STATUS register. The C and DC bits
operate as a Borrow and Digit Borrow out bit,
respectively, bit in subtraction. See the SUBLW and
SUBWF
instructions for examples.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com