Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/TQ Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 14Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 15Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 16Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 17Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 18Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 19Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 20Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 21Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
PIC16C64X & PIC16C66X
DS30559A-page 18
Preliminary
© 1996 Microchip Technology Inc.
4.2
Data Memory Organization
The data memory (Figure 4-4) is partitioned into two
banks which contain the general purpose registers and
the special function registers. Bank 0 is selected when
bit RP0 (STATUS<5>) is cleared. Bank 1 is selected
when the RP0 bit is set. The Special Function Regis-
ters are located in the first 32 locations of each Bank.
Register locations A0h-EFh (Bank 1) are general pur-
pose registers implemented as static RAM. Some spe-
cial function registers are mapped in Bank 1.
4.2.1
GENERAL PURPOSE REGISTER FILE
The register file is organized as 176 x 8 for the
PIC16C642/662, and 128 x8 for the PIC16C641/661.
Each is accessed either directly, or indirectly through
the File Select Register FSR (Section 4.5).
FIGURE 4-3:
PIC16C641/661 DATA
MEMORY MAP
INDF(1)
TMR0
PCL
STATUS
FSR
PORTA
PORTB
PORTC
PIR1
CMCON
INDF(1)
OPTION
PCL
STATUS
FSR
TRISA
TRISB
TRISC
PIE1
PCON
VRCON
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
20h
A0h
General
Purpose
Register
General
Purpose
Register
7Fh
FFh
Bank 0
Bank 1
File
Address
BFh
C0h
Unimplemented data memory locations, read as '0'.
Note 1: Not a physical register.
2: Not implemented on the PIC16C641.
File
Address
PORTD(2)
TRISD(2)
TRISE(2)
PCLATH
INTCON
PORTE(2)
PCLATH
INTCON
Mapped
in Page 0
EFh
F0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com