Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/TQ Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16C641-04/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/TQ Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16C641-04/TQ Datasheet HTML 7Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 8Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 9Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 10Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 11Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 12Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 13Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 14Page - Microchip Technology PIC16C641-04/TQ Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 11
PIC16C64X & PIC16C66X
FIGURE 3-2:
PIC16C661/662 BLOCK DIAGRAM
EPROM
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
Direct Addr
7
RAM Bank
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
Voltage
8
3
Timer0
PORTA
Comparator
RA3/AN3
RA2/AN2/VREF
RA1/AN1
RA0/AN0
Reference
RA4/T0CKI
+
-
+
-
PORTB
RB0/INT
Select
RB1
RB2
RB3
RB4
RB5
RB6
RB7
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
PORTD
RD0/PSP0
RD1/PSP1
RD2/PSP2
RD3/PSP3
RD4/PSP4
RD5/PSP5
RD6/PSP6
RD7/PSP7
PORTE
RE0/RD
RE1/WR
RE2/CS
Parallel
Slave
Port
RA5
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR
VDD, VSS
Brown-out
Reset
Parity Error
Reset
PIC16C661 has 2K x 14 Program Memory and 128 x 8 RAM
PIC16C662 has 4K x 14 Program Memory and 176 x 8 RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com