Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280TL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3280TL/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3280TL/NOPB Datasheet HTML 2Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LM3280
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
LDO1, 2, and 3 Electrical Characteristics
(1)(2) (continued)
Limits in standard typeface are for TA = TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +85°C). Unless otherwise noted, specifications apply to the LM3280 with: VIN = 3.6V, ENBUCK =
3.6V, BYP = 0V, FB = 2V, VCON = 0.267V, ENLDOx = 3.6V
(3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILIM_LDO
LDO Current Limit
(4)
30
40
55
mA
IPU
Pull-Up Current
(4)
40
60
80
mA
RPD
Pull-Down Resistance
IOUT = -50mA,
10
13.5
17
Ω
ENBUCK = all ENLDO = 0V
VDROP
Dropout Voltage
IOUT = 20mA
(5)
70
115
mV
(4)
The current is defined as the load current at which the LDOx voltage is 1.0V lower than the nominal output voltage.
(5)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100mV below the
nominal voltage.
LDO1, 2, and 3 System Characteristics
(1)
The following spec table entries are guaranteed by design if the component values in the typical application circuit are used.
Unless otherwise noted, specifications apply to the LM3280 with: VIN = 3.6V. These parameters are not guaranteed by
production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PSRR
Power Supply Ripple Rejection
Test Freq. = 1KHz, VRIPPLE = 0.5Vpp
55
dB
Ratio
COUT = 1µF, IOUT = 1mA, BYP = VIN
TLDO_ON
Time to reach 90% of VLDO(nom)
VIN = ENBUCK = 3V,
50
100
µs
after ENLDO signal goes high.
COUT = 1µF,
ENLDOx = Low to High,
RLOAD = 270Ω
VIN = 3V,
80
130
µs
COUT = 1µF,
ENBUCK = ENLDOx = Low to High,
RLOAD = 270Ω
TLDO_OFF
Time to reach 0.1V of VLDO after
VIN = 3V,
50
200
µs
ENLDO signal goes low.
COUT = 1µF,
ENLDOx = High to Low,
IOUT = 0mA
(1)
All voltages are with respect to the potential at the GND pins.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com