Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280TL/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3280TL/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3280TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 16Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 17Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 18Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 19Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 20Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 21Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
LM3280
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
ENBUCK should be set low to turn off the LM3280 during power-up and under voltage conditions when the power
supply is less than the 2.7V minimum operating voltage. The LM3280 is designed for compact portable
applications, such as cellular phones. In such applications, the system controller determines power supply
sequencing and requirements for small package size outweigh the benefit of including UVLO (Under Voltage
Lock-Out) circuitry.
Thermal Overload Protection
The LM3280 has a thermal overload protection function to protect the device from short-term misuse and
overload conditions. When the junction temperature exceeds around 150°C, the device inhibits operation. Both
the PFET and the NFET are turned off in PWM mode, and the Bypass PFET is turned off in Bypass mode. The
LDO is also turned off. When the temperature drops below 125°C, normal operation resumes. Prolonged
operation in thermal overload conditions may damage the device.
APPLICATION INFORMATION
BUCK CONVERTER SETTING THE OUTPUT VOLTAGE
The buck converter features a pin-controlled variable output voltage to eliminate the need for external feedback
resistors. It can be programmed for an output voltage from 0.8V to 3.6V by setting the voltage on the VCON pin,
as in the following formula:
VOUT = 3 x VCON
(1)
When VCON is between 0.267V and 1.20V, the output voltage will follow proportionally by 3 times of VCON.
If VCON is over 1.20V (VOUT = 3.6V), sub-harmonic oscillation may occur because of insufficient slope
compensation.
If VCON voltage is less than 0.267V (VOUT = 0.8V), the output voltage may not be regulated due to the required
on-time being less than the minimum on-time (50ns). The output voltage can go lower than 0.8V providing a
limited VIN range is used. Refer to the Typical Performance Characteristics (Low VCON Voltage vs. Output
Voltage) for details. This curve is for a typical part and there could be part to part variation for output voltages
less than 0.8V over the limited VIN range. In addition, if the VCON is less than approximately 0.15V, the PWM
mode output is turned off, but the internal bias circuits are still active.
INDUCTOR SELECTION
A 2.2
μH inductor with saturation current rating over 940mA is recommended for almost all applications. The
inductor resistance should be less than 0.2
Ω for better efficiency. Table 1 lists suggested inductors and
suppliers.
Table 1. Suggested Inductors and Their Suppliers
Model
Size (WxLxH) [mm]
Vendor
DO3314-222MX
3.3 x 3.3 x 1.4
Coilcraft
LPS3010-222MLC
3.1 x 3.1 x 1.0
Coilcraft
LPS3008-222MLC
3.1 x 3.1 x 0.8
Coilcraft
MIPSA2520D2R2**
2.5 x 2.0 x 1.2
FDK
KSLI252010AG2R2*
2.5 x 2.0 x 1.0
Hitachi-Metal
VLF3010AT-2R2M1R0
2.6 x 2.8 x 1.0
TDK
NR3010T2R2M
3.0 x 3.0 x 1.0
Taiyo-Yuden
NR3012T2R2M
3.0 x 3.0 x 1.2
Taiyo-Yuden
1117AS-2R2M(DE2810C)
2.8 x 3.0 x 1.0
Toko
18
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com