Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280TL/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3280TL/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3280TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
IL
40 Ps/DIV
200 mA/DIV
3.6V
3.0V
50 mV/DIV
AC Coupled
VIN
VOUT
VOUT = 1.5V
IOUT = 200 mA
20 Ps/DIV
200 mA
250 mA
50 mA
100 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IL
IOUT
VOUT
IL
100 Ps/DIV
200 mA/DIV
5V/DIV
VSW
VOUT
VIN = 4.2V
1V/DIV
VIN
RLOAD = 15:
VCON = 1.1V
VIN = 3.0V
IL
100 Ps/DIV
200 mA/DIV
5V/DIV
VSW
VOUT
VCON = 0.5V
RLOAD = 15:
BYP
1V/DIV
2V/DIV
ENBUCK
20 Ps/DIV
500 mA/DIV
5V/DIV
1V/DIV
5V/DIV
VOUT
VSW
IL
VIN = 4.2V
VOUT = 3.4V
RLOAD = 15:
IL
100 Ps/DIV
200 mA/DIV
5V/DIV
VSW
VOUT
VIN = 4.2V
VOUT = 3.25V
RLOAD = 15:
EN
2V/DIV
2V/DIV
LM3280
www.ti.com
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
(VIN = ENBUCK = 3.6V, ENLDOx = BYP = 0V, TA = 25°C, unless otherwise noted)
PWM Startup
PWM Shutdown Response
(VCON = 1.13V)
(VCON = 1.08V)
Figure 15.
Figure 16.
Automatic Bypass Operation
Forced Bypass Operation
(VIN = 4.2V to 3.0V)
(VIN = 3.0V)
Figure 17.
Figure 18.
Line Transient Response
Load Transient Response
(VIN = 3.0V to 3.6V)
(VCON = 0.5V)
Figure 19.
Figure 20.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com