Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3280TL/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3280TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LDO
20 Ps/DIV
500 mV/DIV
5V/DIV
ENLDO
VIN = 3.0V
COUT = 1 éF
RLOAD = 270:
LDO
20 Ps/DIV
500 mV/DIV
5V/DIV
ENBUCK &
ENLDO
500 mV/DIV
VOUT
VIN = 3.0V
COUT = 1 éF
RLOAD = 270:
0.0
0.2
JUNCTION TEMPERATURE (°C)
-40 -20
0
20
40
60
80 100 120 140
0.1
0.3
VIN = 2.7V
VIN = 4.2V
VIN = 5.5V
VIN = 3.6V
0.4
0.5
0.6
0.7
0.8
0.9
1.0
20 Ps/DIV
10 mV/DIV
AC Coupled
3.0 V
VIN
LDO
3.6 V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
0.60
0.64
0.68
0.72
0.80
0.84
0.76
TA = 25
oC
TA = -30
oC
TA = 85
oC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
0.76
0.80
0.84
0.88
0.96
1.00
0.92
TA = 25
oC
TA = 85
oC
TA = -30
oC
LM3280
www.ti.com
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
Typical Performance Characteristics
(VIN = ENBUCK = 3.6V, ENLDOx = BYP = 0V, TA = 25°C, unless otherwise noted)
Quiescent Current vs
Quiescent Current vs
Supply Voltage
Supply Voltage
(VCON = 0.267V, FB = 2V, No Switching, LDO Disabled)
(VCON = 0.267V, FB = 2V, No Switching, LDO Enabled)
Figure 3.
Figure 4.
Shutdown Current vs
Temperature
LDO Line Transient Response
(all EN = BYPOUT = VCON = SW = FB = 0V)
(RLOAD = 270Ω, COUT = 1µF)
Figure 5.
Figure 6.
LDO Turn ON
LDO Turn ON
(ENLDO = Low to High)
(ENBUCK = ENLDO = Low to High)
Figure 7.
Figure 8.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com