Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280TL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3280TL/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3280TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 16Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 17Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 18Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 19Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LM3280
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
PWM MODE
While in PWM (Pulse Width Modulation) mode, the output voltage is regulated by switching at a constant
frequency (2MHz typ.) and then modulating the energy per cycle to control power to the load. Energy per cycle is
set by modulating the PFET switch on-time pulse width to control the peak inductor current. This is done by
comparing the PFET drain current to a slope-compensated reference current generated by the error amplifier. At
the beginning of each cycle, the clock turns on the PFET switch, causing the inductor current to ramp up. When
the current sense signal ramps past the error amplifier signal, the PWM comparator turns off the PFET switch
and turns on the NFET synchronous rectifier, ending the first part of the cycle. If an increase in load pulls the
output down, the error amplifier output increases, which allows the inductor current to ramp higher before the
comparator turns off the PFET. This increases the average current sent to the output and adjusts for the increase
in the load. The minimum on-time of PFET in PWM mode is 50ns (typ.).
BYPASS MODE
The buck converter contains an internal PFET switch for bypassing the PWM DC-DC converter during Bypass
mode. In Bypass mode, this PFET is turned on to power the PA directly from the battery for maximum RF output
power. Bypass mode is more efficient than operating in PWM mode at 100% duty cycle because the resistance
of the bypass PFET is less than the series resistance of the PWM PFET and inductor. This translates into higher
voltage available on the output in Bypass mode, for a given battery voltage. The part can be placed in bypass
mode by sending BYP pin high. This is called Forced Bypass Mode and it remains in bypass mode until BYP pin
goes low.
Alternatively the part can go into Bypass mode automatically. This is called Auto-bypass mode or Automatic
Bypass mode. The bypass switch turns on when the difference between the input voltage and programmed
output voltage is less than 250mV (typ.) for more than the bypass delay time of 15µs (typ.). The bypass switch
turns off when the input voltage is higher than the programmed output voltage by 450mV (typ.) for longer than
the bypass delay time. The bypass delay time is provided to prevent false triggering into Automatic Bypass mode
by either spikes or dips in VIN. This method is very system resource friendly in that the Bypass PFET is turned on
automatically when the input voltage gets close to the output voltage, typical scenario of a discharging battery. It
is also turned off automatically when the input voltage rises, typical scenario of a charger connected. Another
scenario could be changes made to VCON voltage causing Bypass PFET to turn on and off automatically. It is
recommended to connect BYPOUT pin directly to the output capacitor with a separate trace and not to the FB
pin.
OPERATING MODE SELECTION CONTROL
The BYP digital input pin is used to select between PWM/Auto-bypass and Bypass operating mode. Setting BYP
pin high (>1.2V) places the device in Forced Bypass mode. Setting BYP pin low (<0.4V) or leaving it floating
places the device in PWM/Auto-bypass mode.
Bypass and PWM operation overlap during the transition between the two modes. This transition time is
approximately 31µs when changing from PWM to Bypass mode, and 15µs when changing from Bypass to PWM
mode. This helps prevent under or overshoots during the transition period between PWM and Bypass modes.
DYNAMICALLY ADJUSTABLE OUTPUT VOLTAGE
The LM3280 buck converter features dynamically adjustable output voltage to eliminate the need for external
feedback resistors. The output can be set from 0.8V to 3.6V by changing the voltage on the analog VCON pin.
This feature is useful in PA applications where peak power is needed only when the handset is far away from the
base station or when data is being transmitted. In other instances, the transmitting power can be reduced. Hence
the supply voltage to the PA can be reduced, promoting longer battery life. See BUCK CONVERTER SETTING
THE OUTPUT VOLTAGE for further details.
OVER VOLTAGE PROTECTION
The buck converter has an over voltage comparator that prevents the output voltage from rising too high, when
the device is left in PWM mode under light-load conditions, during output voltage steps, or during startup. When
the output voltage rises to 330mV over its target, the OVP comparator inhibits PWM operation to skip pulses until
the output voltage returns to the target. During the over voltage protection mode, both the PWM PFET and the
NFET synchronous rectifier are off. When the part comes out of the over voltage protection mode, the NFET
synchronous rectifier remains off for approximately 3.5µs to avoid inductor current going negative.
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com