Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280TL/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3280TL/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3280TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 16Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 17Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 18Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 19Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 20Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LM3280
www.ti.com
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
INTERNAL SYNCHRONOUS RECTIFICATION
While in PWM mode, the buck converter uses an internal NFET as a synchronous rectifier to reduce rectifier
forward voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
With medium and heavy loads, the internal NFET synchronous rectifier is turned on during the inductor current
down slope in the second part of each cycle. The synchronous rectifier is turned off prior to the next cycle. There
is no zero cross detect, which means that the NFET can conduct current in both directions and inductor current is
always continuous. The advantage of this method is that the part remains in PWM mode at light loads or no load
conditions. The NFET has a current limit. The NFET is designed to conduct through its intrinsic body diode
during transient intervals before it turns on, eliminating the need for an external diode.
CURRENT LIMITING
A current limit feature allows the buck converter to protect itself and external components during overload
conditions. In PWM mode, a 940mA (max.) cycle-by-cycle current limit is normally used. If an excessive load
pulls the output voltage down to below approximately 0.375V, indicating a possible short to ground, then the
device switches to a timed current limit mode. In timed current limit mode, the internal PFET switch is turned off
after the current comparator trips, and the beginning of the next cycle is inhibited for 3.5µs to force the
instantaneous inductor current to ramp down to a safe value. After the 3.5µs interval, the internal PFET is turned
on again. This cycle is repeated until the load is reduced and the output voltage exceeds approximately 0.375V.
Therefore, the device may not startup if an excessive load is connected to the output when the device is enabled.
The synchronous rectifier is off in the timed current limit mode. Timed current limit prevents the loss of current
control seen in some products when the output voltage is pulled low in serious overload conditions.
A current limit is also provided for the NFET. This is approximately
−500mA. Both the NFET and the PFET are
turned off in negative current limit until the PFET is turned on again at the beginning of the next cycle. The
negative current limit inhibits buildup of excessive negative inductor current.
In the Bypass mode, the bypass current limit is 1000mA (typ.). The output voltage drops when the bypass
current limit kicks in.
LDO
LDO OPERATION
The LDO provides a nominal output voltage of 2.85V. Each LDO can be enabled when the respective enable pin
is set high (>1.2V) after the buck converter has been enabled. The LDO will automatically be disabled whenever
the ENBUCK or ENLDOx is disabled. Only one LDO may be enabled on at a time. A 2µs period of time needs to
occur between disabled one LDO and enabling another. Otherwise, all LDOs are disabled.
CHARGE AND DISCHARGE
Each LDO includes an active charge circuit. 7.5us (typ.) after the LDO is enabled, the current limit of the LDO is
set to 60mA. A 1µF load capacitor will be charged to 90% of the nominal output voltage in approximately 50us
(typ.). (Note: This number is based on the assumption that the PWM loop has been enabled and given time to
stabilize before the LDO is enabled.) The current limit is then reduced to 40mA.
An internal pull-down resistor is also included in each LDO. The LDO discharges the output capacitor through the
pull-down resistor when LDO is disabled.
Shutdown Mode
Setting the ENBUCK digital pin low (<0.4V) places the LM3280 in a 0.1µA (typ.) Shutdown mode. During
shutdown, the PFET switch, NFET synchronous rectifier, reference voltage source, control and bias circuitry of
the LM3280 are turned off. Setting ENBUCK high (>1.2V) enables normal operation.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com