Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3280TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3280TL/NOPB
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3280TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 14Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 15Page - Texas Instruments LM3280TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
0.1
0.2
0.3
0.4
0.5
VCON VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
VIN = 5.0V
VIN = 5.5V
VIN = 4.7V
0.4
0.6
0.8
1.0
1.2
1.4
VCON VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.2
VIN = 3.6V
Bypass Mode
VIN = 3.0V
VIN = 2.7V
VIN = 4.2V
TA = -30°C
TA = 25°C
TA = 85°C
ILIM-BYP
= 965 mA
Max Load
Capability
0
200
400
600
800
1000
1200
OUTPUT CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0.0
500 mA
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
760
780
800
820
840
860
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
OPEN LOOP
CLOSED LOOP
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
LM3280
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
(VIN = ENBUCK = 3.6V, ENLDOx = BYP = 0V, TA = 25°C, unless otherwise noted)
Open/Closed Loop Current Limit vs
Dropout Voltage vs
Temperature
Output Current
(PWM mode)
(Bypass mode, VIN = BYP = 3.6V)
Figure 31.
Figure 32.
VCON Voltage vs
Low VCON Voltage vs
PWM Output Voltage
Output Voltage
(IOUT = 200mA)
(RLOAD = 15Ω)
Figure 33.
Figure 34.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com