Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A13 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 9Page - List of Unclassifed Manufacturers A13 Datasheet HTML 10Page - List of Unclassifed Manufacturers A13 Datasheet HTML 11Page - List of Unclassifed Manufacturers A13 Datasheet HTML 12Page - List of Unclassifed Manufacturers A13 Datasheet HTML 13Page - List of Unclassifed Manufacturers A13 Datasheet HTML 14Page - List of Unclassifed Manufacturers A13 Datasheet HTML 15Page - List of Unclassifed Manufacturers A13 Datasheet HTML 16Page - List of Unclassifed Manufacturers A13 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
12
December 10, 2012
5.
Pin Description
5.1.
Pin Characteristics
1.
Pin Number: Ball numbers on the bottom side associated with each signals on
the bottom.
2.
Pin Name: Names of signals multiplexed on each pin No. (also notice that the
name of the pin is the signal name in function 0).
3.
Type: signal direction
- I
= Input
- O
= Output
- I/O
= Input/Output
- A
= Analog
- AIO
= Analog Input/Output
- PWR
= Power
- GND
= Ground
4.
Pin Reset State: The state of the terminal at reset (power up).
- 0:
The buffer drives VOL(pull down/pull up resistor not activated)
- 0 (PD):
The buffer drives VOL with an active pull down resistor.
- 1:
The buffer drives VOH (pull down/pull up resistor not activated).
- 1 (PU):
The buffer drives VOH with an active pull up resistor.
- Z:
High-impedance
- L:
High-impedance with an active pull down resistor.
- H:
High-impedance with an active pull up resistor.
5.
Pull Up/Down: Denotes the presence of an internal pull up or pull down resister.
Pull up and pull down resistor can be enabled or disabled via software.
6.
Buffer Strength: Drive strength of the associated output buffer.
7.
Note that the P[B:G] in the following table stands for GPIO [B:G].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com