Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A13 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 27Page - List of Unclassifed Manufacturers A13 Datasheet HTML 28Page - List of Unclassifed Manufacturers A13 Datasheet HTML 29Page - List of Unclassifed Manufacturers A13 Datasheet HTML 30Page - List of Unclassifed Manufacturers A13 Datasheet HTML 31Page - List of Unclassifed Manufacturers A13 Datasheet HTML 32Page - List of Unclassifed Manufacturers A13 Datasheet HTML 33Page - List of Unclassifed Manufacturers A13 Datasheet HTML 34Page - List of Unclassifed Manufacturers A13 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
30
December 10, 2012
-
The 24.000MHz frequency is used to generate the main source clock of the A13 device.
6.4.1.
24MHz Oscillator Characteristics
Table 6-4 lists the 24.MHz crystal specifications.
Symbol
Parameter
Min
Typ
Max
Unit
1/(tCPMAIN)
Crystal Oscillator Frequency Range
24.000
MHz
tST
Startup Time
ms
Frequency Tolerance at 25 °C
-50
+50
ppm
Oscillation Mode
Fundamental
Maximum change over temperature range
-50
+50
ppm
PON
Drive level
50
uW
CL
Equivalent Load capacitance
pF
CL1,CL2
Internal Load capacitance(CL1=CL2)
pF
RS
Series Resistance(ESR)
Ω
Duty Cycle
30
50
70
%
CM
Motional capacitance
pF
CSHUT
Shunt capacitance
pF
RBIAS
Internal bias resistor
Table 6-4 24MHz Oscillator Characteristics
6.5.
Power up/down and Reset Specifications
The external voltage regulator and other power-on devices must provide the processor with a
specific sequence of power and resets to ensure proper operation.
Power
Reset
VCC/VDD/AVCC/DRAMVCC
T>300μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com