Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A13 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 46Page - List of Unclassifed Manufacturers A13 Datasheet HTML 47Page - List of Unclassifed Manufacturers A13 Datasheet HTML 48Page - List of Unclassifed Manufacturers A13 Datasheet HTML 49Page - List of Unclassifed Manufacturers A13 Datasheet HTML 50Page - List of Unclassifed Manufacturers A13 Datasheet HTML 51Page - List of Unclassifed Manufacturers A13 Datasheet HTML 52Page - List of Unclassifed Manufacturers A13 Datasheet HTML 53Page - List of Unclassifed Manufacturers A13 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
49
December 10, 2012
22.
LRADC
22.1.
Overview
LRADC is 6-bit resolution and can work up to maximum conversion rate of 250Hz.
It features:
Support APB 32-bit bus width
Support interrupt
Support hold key and general key
Support single key and continue key mode
6-bit resolution
Voltage input range between 0 to 2V
Sample rate up to 250Hz
22.2.
LRADC Signal Description
Signal Name
Description
Type
LRADC
Low Resolution ADC input(6 bits)
I
Table 22. LRADC Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com