Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A13 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 44Page - List of Unclassifed Manufacturers A13 Datasheet HTML 45Page - List of Unclassifed Manufacturers A13 Datasheet HTML 46Page - List of Unclassifed Manufacturers A13 Datasheet HTML 47Page - List of Unclassifed Manufacturers A13 Datasheet HTML 48Page - List of Unclassifed Manufacturers A13 Datasheet HTML 49Page - List of Unclassifed Manufacturers A13 Datasheet HTML 50Page - List of Unclassifed Manufacturers A13 Datasheet HTML 51Page - List of Unclassifed Manufacturers A13 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
47
December 10, 2012
20.
USB HOST Controller
20.1.
Overview
USB Host Controller is fully compliant with the USB 2.0 specification, Enhanced Host Controller
Interface (EHCI) Specification, Revision 1.0, and the Open Host Controller Interface (OHCI)
Specification Release 1.0a. The controller supports high-speed, 480-Mbps transfers (40 times
faster than USB 1.1 full-speed mode) using an EHCI Host Controller, as well as full and low
speeds through one or more integrated OHCI Host Controllers.
It features:
Include an internal DMA Controller for data transfer with memory.
Comply with Enhanced Host Controller Interface (EHCI) Specification, Version 1.0, and the
Open Host Controller Interface (OHCI) Specification, Version 1.0a.
Support High-Speed (HS, 480-Mbps), Full-Speed (FS, 12-Mbps), and Low-Speed (LS,
1.5-Mbps) Device.
Support only one USB Root Port shared between EHCI and OHCI
20.2.
USB HOST Controller Signal Description
Signal Name
Description
Type
UDM1
USB1 HOST DM
IO
UDP1
USB1 HOST DP
IO
Table 20. USB Host Controller Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com