Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A13 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 45Page - List of Unclassifed Manufacturers A13 Datasheet HTML 46Page - List of Unclassifed Manufacturers A13 Datasheet HTML 47Page - List of Unclassifed Manufacturers A13 Datasheet HTML 48Page - List of Unclassifed Manufacturers A13 Datasheet HTML 49Page - List of Unclassifed Manufacturers A13 Datasheet HTML 50Page - List of Unclassifed Manufacturers A13 Datasheet HTML 51Page - List of Unclassifed Manufacturers A13 Datasheet HTML 52Page - List of Unclassifed Manufacturers A13 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
48
December 10, 2012
21.
Audio Codec
21.1.
Overview
The embedded Audio Codec is a high-quality stereo audio codec with headphone amplifier.
It features:
On-chip 24-bit DAC for play-back
On-chip 24-bit ADC for recorder
Support analog/ digital volume control
Support 48K and 44.1K sample family
Support 192K and 96K sample
Support Microphone recorder
Stereo headphone amplifier that can be operated in capless headphone mode
Support Virtual Ground to automatically change to True Ground to protect headphone
amplifier and make function work in normal mode
21.2.
Audio Codec Signal Description
Signal Name
Description
Type
HPL
Headphone Left channel output
O
HPR
Headphone Right channel output
O
HPCOM
Headphone amplifier output
O
HPBP
Headphone Bypass output
O
MICIN1
MIC1 input
I
Table 21. Audio Codec Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com