Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A13 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 37Page - List of Unclassifed Manufacturers A13 Datasheet HTML 38Page - List of Unclassifed Manufacturers A13 Datasheet HTML 39Page - List of Unclassifed Manufacturers A13 Datasheet HTML 40Page - List of Unclassifed Manufacturers A13 Datasheet HTML 41Page - List of Unclassifed Manufacturers A13 Datasheet HTML 42Page - List of Unclassifed Manufacturers A13 Datasheet HTML 43Page - List of Unclassifed Manufacturers A13 Datasheet HTML 44Page - List of Unclassifed Manufacturers A13 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
40
December 10, 2012
15.
Two Wire Interface
15.1.
Overview
This Two Wire Controller is an interface between CPU host and the serial 2-Wire bus, which
supports all standard 2-Wire transfer, including Slave and Master. The communication to the
2-Wire bus is carried out on a byte-wise basis using interrupt or polled handshaking. This 2-Wire
Controller can be operated in standard mode (100K bps) or fast-mode (up to 400K bps). Multiple
Masters and 10-bit addressing Mode are supported for this specified application. General Call
Addressing is supported in Slave mode.
The 2-Wire Controller features:
Software-programmable for Slave or Master
Support Repeated START signal
Support Multi-master systems
Support 10-bit addressing with 2-Wire bus
Perform arbitration and clock synchronization
Own address and General Call address detection
Interrupt on address detection
Support speed up to 400K bits/s („fast mode‟)
Support operation from a wide range of input clock frequencies
15.2.
TWI Controller Signal Description
TWIx=TWI[2:0]
Signal Name
Description
Type
TWIx_SCK
TWI-BUS Clock for Channel x
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com