Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A13 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # A13
Description  ARM Cortex A8 Core
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A13 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button A13 Datasheet HTML 40Page - List of Unclassifed Manufacturers A13 Datasheet HTML 41Page - List of Unclassifed Manufacturers A13 Datasheet HTML 42Page - List of Unclassifed Manufacturers A13 Datasheet HTML 43Page - List of Unclassifed Manufacturers A13 Datasheet HTML 44Page - List of Unclassifed Manufacturers A13 Datasheet HTML 45Page - List of Unclassifed Manufacturers A13 Datasheet HTML 46Page - List of Unclassifed Manufacturers A13 Datasheet HTML 47Page - List of Unclassifed Manufacturers A13 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Allwinner Technology CO., Ltd.
A13 Datasheet v1.30
Copyright © 2012 Allwinner Technology. All Rights Reserved.
43
December 10, 2012
17.
UART Interface
17.1.
Overview
The UART is used for serial communication with a peripheral, modem (data carrier equipment,
DCE) or data set. Data is written from a master (CPU) over the APB bus to the UART and it is
converted to serial form and transmitted to the destination device. Serial data is also received by
the UART and stored for the master (CPU) to read back.
The UART contains registers to control the character length, baud rate, parity generation/checking,
and interrupt generation. Although there is only one interrupt output signal from the UART, there
are several prioritized interrupt types responsible for its assertion. Each of the interrupt types can
be separately enabled/disabled with the control registers.
The UART has 16450 and 16550 modes of operation, which are compatible with a range of
standard software drivers. In 16550 mode, transmit and receive operations are both buffered by
FIFOs. In 16450 mode, these FIFOs are disabled.
The UART supports word lengths from five to eight bits, an optional parity bit and 1, 1.5 or 2 stop
bits, and is fully programmable by an AMBA APB CPU interface. A 16-bit programmable baud
rate generator and an 8-bit scratch register are included, together with separate transmit and
receive FIFOs. Eight modem control lines and a diagnostic loop-back mode are provided.
Interrupts can be generated for a range of TX Buffer/FIFO, RX Buffer/FIFO, Modem Status and
Line Status conditions.
The UART includes the following features:
Compatible with industry-standard 16550 UARTs
64-Bytes Transmit and receive data FIFOs
DMA controller interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com