Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SHT3X
Description  Wide supply voltage range, from 2.4 to 5.5 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SHT3X Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Datasheet SHT3x-ARP
www.sensirion.com
May 2015 - Version 0.93
11/13
7 Quality
Qualification of the SHT3x-ARP is performed based on
the AEC Q 100 qualification test method.
7.1
Material Contents
The device is fully RoHS and WEEE compliant, e.g. free
of Pb, Cd, and Hg.
8 Ordering Information
The SHT3x-ARP can be ordered in tape and reel
packaging with different sizes, see Table 8. The reels are
sealed into antistatic ESD bags. The document (SHT3x
shipping package) that shows the packaging tape with
sensor orientation is available upon request.
Name
Quantity
Order Number
SHT30-ARP-B500E
500
1-101250-01
SHT30-ARP-B10kS
10000
1-101175-01
SHT31-ARP-B1kS
1000
1-101257-01
SHT31-ARP-B10kS
10000
1-101178-01
Table 8 SHT3x-ARP ordering options.
9 Further Information
For more in-depth information on the SHT3x-ARP and its
application please consult the following documents:
Document Name
Description
Source
SHT3x Shipping Package
Information on Tape, Reel and shipping bags
(technical drawing and dimensions)
Available upon request
SHTxx Assembly of SMD
Packages
Assembly Guide (Soldering Instruction,)
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
SHTxx Design Guide
Design guidelines for designing SHTxx humidity
sensors into applications
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
SHTxx Handling Instructions
Guidelines for proper handling of SHTxx humidity
sensors (Reconditioning Procedure)
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
Sensirion Humidity Sensor
Specification Statement
Definition of sensor specifications.
Available for download at the Sensirion
humidity sensors download center:
www.sensirion.com/humidity-download
Table 9 Documents containing further information relevant for theSHT3x-ARP.
Revision History
Date
Version
Page(s)
Changes
0.9
Initial release
0.91
2-4
Added definition for sensitivity
Table 5, removed MM model due to change in AEC Q100 Rev H, amended
absolut maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com