Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SHT3X
Description  Wide supply voltage range, from 2.4 to 5.5 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SHT3X Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Datasheet SHT3x-ARP
www.sensirion.com
May 2015 - Version 0.93
5/13
Slew rate change of the
supply voltage
VDDslew
20
V/ms
Voltage changes on the
VDD line between VDD
min and VDD max should
be below the maximum
slew rate
Supply current
IDD
Average
220
350
A
At a measurement rate
of 2 Hz.
Depends on the resistive
load on the output pins
Output current
AOIOUT
-100
100
A
Capacitive load
CL
5
nF
Capacitance that can be
driven by the sensor on
the signal lines
Table 3 Electrical specifications, Specification are valid at 25°C and typical VDD
2.2
Timing Specification for the Sensor System
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units Comments
Power-up time
tPU
After hard reset,
VDD ≥ VPOR
17
ms
Time between VDD reaching
VPOR and first measurement
signal available
Analog output settling time
AOsettle
For a step of VDD/2
0.3
1
ms
Time needed for adapting to a
changing supply voltage and
measurement value. Value
depends on output load.
Typical value is for a load of
1nF.
Duration of reset pulse
tRESETN
350
ns See section 3.3
Table 4 System Timing Specification,
Specification are valid at 25°C and typical VDD
2.3
Absolute Minimum and Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage to the device or affect the reliability of the
sensor. These are stress ratings only and functional operation of the device at these conditions cannot be guaranteed.
Parameter
Rating
Units
Supply voltage VDD
-0.3 to 6
V
Max Voltage on pins (pin 1 (RH); pin 2
(R); pin 3 (R); pin 4(T); pin 6(nRESET))
-0.3 to VDD+0.3
V
Input current on any pin
±100
mA
Operating temperature range
-40 to 125
°C
Storage temperature range
-40 to 150
°C
ESD HBM (human body model)
4
kV
ESD CDM (charge device model)
750
V
Table 5 Absolute minimum and maximum ratings; values are target specs and not
confirmed by measurements yet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com