Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHT3X
Description  Wide supply voltage range, from 2.4 to 5.5 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHT3X Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Datasheet SHT3x-ARP
www.sensirion.com
May 2015 - Version 0.93
2/13
1 Sensor Performance
1.1
Humidity Sensor Performance
Parameter
Conditions
Value
Units
SHT30 Accuracy tolerance1
Typ.
3
%RH
Max.
Figure 2
%RH
SHT31 Accuracy tolerance1
Typ.
2
%RH
Max.
Figure 4
%RH
Repeatability2
0.1
%RH
Resolution
14
bit
Integrated Non-Linearity3
Max.
0.2
%RH
Hysteresis
at 25°C
0.8
%RH
Specified range4
extended5
0 to 100
%RH
Response time6
63%
8
s
Long-term drift
Typ.7
<0.25
%RH/yr
Sensitivity
VDD=2.4V
19.2
mV/%RH
VDD=3.3V
26.4
mV/%RH
VDD=5.5V
44
mV/%RH
Table 1 Humidity sensor specification
100 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5
90
±3
±3
±3
±3
±3
±3
±3
±3
±3
80
±3
±3
±3
±3
±3
±3
±3
±3
±3
70
±3
±3
±3
±3
±3
±3
±3
±3
±3
60
±3
±3
±3
±3
±3
±3
±3
±3
±3
50
±3
±3
±3
±3
±3
±3
±3
±3
±3
40
±3
±3
±3
±3
±3
±3
±3
±3
±3
30
±3
±3
±3
±3
±3
±3
±3
±3
±3
20
±3
±3
±3
±3
±3
±3
±3
±3
±3
10
±3
±3
±3
±3
±3
±3
±3
±3
±3
0 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5 ±4.5
0
10
20
30
40
50
60
70
80
SHT30
Temperature (°C)
Figure 2 Tolerance of RH at 25°C for SHT30
Figure 3 Typical tolerance of RH over T for SHT30
1 For definition of typical and maximum accuracy tolerance, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurements at constant ambient conditions. It is a measure for the noise on
the physical sensor output. It is measured with analog circuit and integrated over 1 second.
3 Maximum deviation from the ideal shape (linear curve)
4 Specified range refers to the range for which the humidity or temperature sensor specification is guaranteed.
5 For details about recommended humidity and temperature operating range, please refer to section 0.
6 Time for achieving 63% of a humidity step function, valid at 25°C and 1m/s airflow. Humidity response time in the application depends on the design-in of the sensor.
7 Typical value for operation in normal RH/T operating range, see section 1.3. Maximum value is < 0.5 %RH/yr. Value may be higher in environments with vaporized
solvents, out-gassing tapes, adhesives, packaging materials, etc. For more details please refer to Handling Instructions.
±0
±2
±4
±6
±8
0
10
20
30
40
50
60
70
80
90 100
Relative Humidity (%RH)
SHT30
maximal tolerance
typical tolerance
DRH (%RH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com