Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SHT3X
Description  Wide supply voltage range, from 2.4 to 5.5 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SHT3X Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Datasheet SHT3x-ARP
www.sensirion.com
May 2015 - Version 0.93
10/13
Figure 12 Recommended metal land pattern and stencil apertures for the SHT3x-ARP. The dashed lines represent the outer
dimension of the DFN package. The PCB pads and stencil apertures are indicated through the shaded areas.
6 Shipping Package
Figure 13 Technical drawing of the packaging tape with sensor orientation in tape. Header tape is to the right and trailer tape to the
left on this drawing. Dimensions are given in millimeters.
1
0.55
0.3x45°
0.2
0.75
0.9
0.55
0.55
0.8
0.3
land pattern
stencil aperture
sensor outline
TOLERANCES - UNLESS
NOTED 1PL ±.2 2PL ±.10
A = 2.75
B = 2.75
K = 1.20
0
0
0
NOTES:
1. 10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE ±0.2
2. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED
AS TRUE POSITION OF POCKET, NOT POCKET HOLE
3. A0 AND B0 ARE CALCULATED ON A PLANE AT A DISTANCE "R"
ABOVE THE BOTTOM OF THE POCKET
A
0
K
0
B
0
R 0.25 TYP.
SECTION A - A
0.30 ±.05
A
R 0.2 MAX.
0.30 ±.05
2.00 ±.05 SEE Note 2
4.00
4.00 SEE Note 1
Ø1.5 +.1 /-0.0
Ø1.00 MIN
1.75 ±.1
12.0 +0.3/-0.1
5.50 ±.05
SEE NOTE 2
A
B
DETAIL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com