Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SHT3X
Description  Wide supply voltage range, from 2.4 to 5.5 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SHT3X Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Datasheet SHT3x-ARP
www.sensirion.com
May 2015 - Version 0.93
3/13
100
±2
±2
±2
±2
±2
±2
±2
±2
±2
90
±2
±2
±2
±2
±2
±2
±2
±2
±2
80
±2
±2
±2
±2
±2
±2
±2
±2
±2
70
±2
±2
±2
±2
±2
±2
±2
±2
±2
60
±2
±2
±2
±2
±2
±2
±2
±2
±2
50
±2
±2
±2
±2
±2
±2
±2
±2
±2
40
±2
±2
±2
±2
±2
±2
±2
±2
±2
30
±2
±2
±2
±2
±2
±2
±2
±2
±2
20
±2
±2
±2
±2
±2
±2
±2
±2
±2
10
±2
±2
±2
±2
±2
±2
±2
±2
±2
0
±2
±2
±2
±2
±2
±2
±2
±2
±2
0
10
20
30
40
50
60
70
80
SHT31
Temperature (°C)
Figure 4 Tolerance of RH at 25°C for SHT31
Figure 5 Typical tolerance of RH over T for SHT31
±0
±2
±4
±6
±8
0
10
20
30
40
50
60
70
80
90 100
Relative Humidity (%RH)
SHT31
maximal tolerance
typical tolerance
DRH (%RH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com