Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT3X
Description  Wide supply voltage range, from 2.4 to 5.5 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT3X Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.sensirion.com
May 2015 - Version 0.93
1/13
Datasheet SHT3x-ARP
Humidity and Temperature Sensor
Fully calibrated, linearized, and temperature
compensated analog output
Wide supply voltage range, from 2.4 to 5.5 V
10 to 90% ratiometric analog voltage output
Typical accuracy of
 2%RH and  0.3°C
Parallel measurement of temperature and humidity
at separate pins
Tiny 8-Pin DFN package
Product Summary
SHT3x-ARP is the next generation of Sensirion’s
temperature and humidity sensors. It builds on a new
CMOSens® sensor chip that is at the heart of Sensirion’s
new humidity and temperature platform. The SHT3x-
ARP has increased intelligence, reliability and improved
accuracy specifications compared to its predecessor. Its
functionality includes enhanced signal processing,
temperature and humidity can be read out at different
pins. The DFN package has a footprint of 2.5 x 2.5 mm
while keeping a height of 0.9 mm. This allows for
integration of the SHT3x-ARP into a great variety of
applications. Additionally, the wide supply voltage range
of 2.4 to 5.5 V guarantees compatibility with diverse
assembly situations. All in all, the SHT3x-ARP
incorporates 15 years of knowledge of Sensirion, the
leader in the humidity sensor industry.
Benefits of Sensirion’s CMOSens® Technology
High reliability and long-term stability
Industry-proven technology with a track record of
more than 15 years
Designed for mass production
High process capability
Low signal noise
Content
1
Sensor Performance.............................................2
2
Specifications .......................................................4
3
Pin Assignment ....................................................6
4
Operation and Communication.............................6
5
Packaging.............................................................8
6
Shipping Package ..............................................10
7
Quality ................................................................11
8
Ordering Information...........................................11
9
Further Information.............................................11
Figure 1 Functional block diagram of the SHT3x-ARP. The
sensor signals for humidity and temperature are factory
calibrated, linearized and compensated for temperature
and supply voltage dependencies.


Similar Part No. - SHT3X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT3X-DIS ETC2-SHT3X-DIS Datasheet
1Mb / 18P
Very fast start-up and measurement time
logo
Sensirion AG Switzerlan...
SHT3X-DIS SENSIRION-SHT3X-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
SHT3X-DIS SENSIRION-SHT3X-DIS Datasheet
796Kb / 22P
Humidity and Temperature Sensor
December 2022 - Version 7
SHT3X-DIS SENSIRION-SHT3X-DIS_V01 Datasheet
796Kb / 22P
Humidity and Temperature Sensor
December 2022 - Version 7
More results

Similar Description - SHT3X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
Wide supply voltage range: 2.4V to 5V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com