Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT3X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SHT3X
Description  Wide supply voltage range, from 2.4 to 5.5 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SHT3X Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Datasheet SHT3x-ARP
www.sensirion.com
May 2015 - Version 0.93
4/13
1.2
Temperature Sensor Performance
Parameter
Condition
Value
Units
Accuracy tolerance1
Typ. 10 to +55
0.3
°C
Repeatability2
0.1
°C
Resolution
Typ.
14
bit
Specified Range
-
-40 to 125
°C
Response time 8
63%
>2
s
Long Term Drift
max.
<0.03
°C/yr
Sensitivity
VDD=2.4V
11.6
mV/°C
VDD=3.3V
16
mV/°C
VDD=5.5V
26.7
mV/°C
Table 2 Temperature sensor specification; values are target specs and not
confirmed by measurements yet
Figure 6 Tolerance of the temperature sensor in °C for the SHT30 and SHT31
1.3
Recommended Operating Condition
The sensor shows best performance when operated within recommended normal temperature and humidity range of 5 –
60 °C and 20 – 80 %RH, respectively. Long term exposure to conditions outside normal range, especially at high humidity,
may temporarily offset the RH signal (e.g.+3%RH after 60h at >80%RH). After returning into the normal temperature and
humidity range the sensor will slowly come back to calibration state by itself. Prolonged exposure to extreme conditions
may accelerate ageing. To ensure stable operation of the humidity sensor, the conditions described in the document
“SHTxx Assembly of SMD Packages”, section “Storage and Handling Instructions” regarding exposure to volatile organic
compounds have to be met. Please note as well that this does apply not only to transportation and manufacturing, but also
to operation of the SHT3x-ARP.
2 Specifications
2.1
Electrical Specifications
Parameter
Symbol
Condition
Min
Typ.
Max
Units Comments
Supply voltage
VDD
2.4
3.3
5.5
V
Power-up/down level
VPOR
2.2
2.28
2.35
V
8 Temperature response times strongly depends on the design-in of the sensor in the final application. Minimal response time can be achieved when the thermalized
sensor at T1 is placed on a well conducting surface with temperature T2.
±0.0
±0.5
±1.0
±1.5
±2.0
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
SHT30/SHT31
maximal tolerance
typical tolerance
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)
DT (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com