Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SHT20
Description  DFN type package ??reflow solderable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SHT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Datasheet SHT20
www.sensirion.com
Version 4 – May 2014
11/14
8.2
Filter Cap and Sockets
For SHT2x a filter cap SF2 will is available. It is designed
for fast response times and compact size. Please find the
datasheet on Sensirion’s web page.
For testing of SHT2x sensors sockets, such as from
Plastronics,
part
number
10LQ50S13030
are
recommended (see e.g. www.locknest.com).
8.3
Traceability Information
All SHT2x are laser marked with an alphanumeric, five-
digit code on the sensor – see Figure 19.
The marking on the sensor consists of two lines with five
digits each. The first line denotes the sensor type
(SHT20). The first digit of the second line defines the
output mode (D = digital, Sensibus and I2C, P = PWM, S =
SDM). The second digit defines the manufacturing year (0
= 2010, 1 = 2011, etc.). The last three digits represent an
alphanumeric tracking code. That code can be decoded by
Sensirion only and allows for tracking on batch level
through production, calibration and testing – and will be
provided upon justified request.
Figure 19 Laser marking on SHT20. For details see text.
Reels are also labeled, as displayed in Figure 20 and
Figure 21, and give additional traceability information.
Figure 20: First label on reel: XX = Sensor Type (20 for SHT20),
O = Output mode (D = Digital, P = PWM, S = SDM), NN =
product revision no., Y = last digit of year, RRR = number of
sensors on reel divided by 10 (200 for 2000 units), TTTTT =
Traceability Code.
Figure 21: Second label on reel: For Device Type and Part
Order Number (See Packaging Information on page 2), Delivery
Date (also Date Code) is date of packaging of sensors (DD =
day, MM = month, YYYY = year), CCCC = Sensirion order
number.
8.4
Shipping Package
SHT2x are provided in tape & reel shipment packaging,
sealed into antistatic ESD bags. Standard packaging sizes
are 1500 and 5000 units per reel. For SHT20, each reel
contains 440mm (55 pockets) header tape and 200mm (25
pockets) trailer tape.
The drawing of the packaging tapes with sensor
orientation is shown in Figure 22. The reels are provided in
sealed antistatic bags.
Figure 22 Sketch of packaging tape and sensor orientation.
Header tape is to the right and trailer tape to the left on this
sketch.
9 Compatibility to SHT1x / 7x protocol
SHT2x sensors may be run by communicating with the
Sensirion specific communication protocol used for SHT1x
and SHT7x. In case such protocol is applied please refer
to the communication chapter of datasheet SHT1x or
SHT7x. Please note that reserved status bits of user
register must not be changed.
Please understand that with the SHT1x/7x communication
protocol only functions described in respective datasheets
can be used with the exception of the OTP Reload
function that is not set to default on SHT2x. As an
Device Type:
1-100PPP-NN
Description:
Humidity & Temperature Sensor
SHTxx
Part Order No.
1-100PPP-NN or Customer Number
Date of Delivery: DD.MM.YYYY
Order Code:
46CCCC / 0
SHT20
D0AC4
Lot No.:
XXO-NN-YRRRTTTTT
Quantity:
RRRR
RoHS:
Compliant
Lot No.
8.0
2.0
4.0
0.3
1.3
R0.3 MAX
R0.25
Ø1.5 MIN
Ø1.5 MIN
3.3
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com