Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SHT20
Description  DFN type package ??reflow solderable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SHT20 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Datasheet SHT20
www.sensirion.com
Version 4 – May 2014
3/14
Users Guide SHT20
1 Extended Specification
For details on how Sensirion is specifying and testing
accuracy performance please consult Application Note
“Statement on Sensor Specification”.
1.1
Operating Range
The sensor works stable within recommended Normal
Range – see Figure 4. Long term exposure to conditions
outside Normal Range, especially at humidity >80%RH,
may temporarily offset the RH signal (+3%RH after 60h).
After return into the Normal Range it will slowly return
towards calibration state by itself. Prolonged exposure to
extreme conditions may accelerate ageing.
Figure 4 Operating Conditions
1.2
RH accuracy at various temperatures
Typical RH accuracy at 25°C is defined in Figure 2. For
other temperatures, typical accuracy has been evaluated
to be as displayed in Figure 5.
.
Figure 5 Typical accuracy of relative humidity measurements
given in %RH for temperatures 0 – 80°C.
Please note that above values are maximal tolerances (not
including hysteresis) against a high precision reference
such as a dew point mirror. Typical deviations are at
±2%RH where maximal tolerance is ±3%RH and about
half the maximal tolerance at other values.
1.3
Electrical Specification
Current consumption as given in Table 1 is dependent on
temperature and supply voltage VDD. For estimations on
energy consumption of the sensor Figures 6 and 7 may be
consulted. Please note that values given in these Figures
are of typical nature and the variance is considerable.
Figure 6 Typical dependency of supply current (sleep mode)
versus temperature at VDD = 3.0V. Please note that the
variance of these data can be above ±25% of displayed value.
Figure 7 Typical dependency of supply current (sleep mode)
versus supply voltage at 25°C. Please note that deviations may
be up to ±50% of displayed value. Values at 60°C scale with a
factor of about 15 (compare Table 1).
100 ±4.5 ±4
±4
±4
±4
±4 ±4.5 ±5
±5
90 ±4.5 ±4 ±3.5 ±3.5 ±3.5 ±3.5 ±4 ±4.5 ±5
80
±4 ±3.5 ±3
±3
±3 ±3.5 ±3.5 ±4 ±4.5
70
±4 ±3.5 ±3
±3
±3
±3 ±3.5 ±3.5 ±4
60 ±3.5 ±3
±3
±3
±3
±3
±3 ±3.5 ±3.5
50 ±3.5 ±3
±3
±3
±3
±3
±3
±3 ±3.5
40 ±3.5 ±3
±3
±3
±3
±3
±3
±3
±3
30 ±3.5 ±3
±3
±3
±3
±3
±3
±3
±3
20 ±3.5 ±3.5 ±3
±3
±3
±3
±3
±3
±3
10
±4
±4 ±3.5 ±3.5 ±3.5 ±3.5 ±3.5 ±3.5 ±3.5
0 ±4.5 ±4.5 ±4
±4
±4
±4
±4
±4
±4
0
10
20
30
40
50
60
70
80
Temperature [°C]
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
Temperature (°C)
6
8
10
12
14
16
18
20
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
Supply Voltage (VDD)
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Max.
Range
Normal
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com