Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SHT20
Description  DFN type package ??reflow solderable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SHT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Datasheet SHT20
www.sensirion.com
Version 4 – May 2014
12/14
alternative to OTP Reload the soft reset may be used.
Please note that even if SHT1x/7x protocol is applied the
timing values of Table 5 and Table 7 in this SHT2x
datasheet apply.
For the calculation of physical values the following
equation must be applied:
For relative humidity RH
RES
RH
2
S
125
6
RH
and for temperature T
RES
T
2
S
175.72
46.85
T
RES is the chosen respective resolution, e.g. 12 (12bit) for
relative humidity and 14 (14bit) for temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com