Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHT20
Description  DFN type package ??reflow solderable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHT20 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Datasheet SHT20
www.sensirion.com
Version 4 – May 2014
8/14
Command
Comment
Code
Trigger T measurement
hold master
1110’0011
Trigger RH measurement
hold master
1110’0101
Trigger T measurement
no hold master 1111’0011
Trigger RH measurement
no hold master 1111’0101
Write user register
1110’0110
Read user register
1110’0111
Soft reset
1111’1110
Table 6 Basic command set, RH stands for relative humidity,
and T stands for temperature
Hold master or no hold master modes are explained in
next Section.
5.4
Hold / No Hold Master Mode
There are two different operation modes to communicate
with the sensor: Hold Master mode or No Hold Master
mode. In the first case the SCL line is blocked (controlled
by sensor) during measurement process while in the latter
case the SCL line remains open for other communication
while the sensor is processing the measurement. No hold
master mode allows for processing other I2C
communication tasks on a bus while the sensor is
measuring. A communication sequence of the two modes
is displayed in Figure 15 and Figure 16, respectively.
In the hold master mode, the SHT2x pulls down the SCL
line while measuring to force the master into a wait state.
By releasing the SCL line the sensor indicates that internal
processing is terminated and that transmission may be
continued.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
S 1 0 0 0 0 0 0 0
1 1 1 0 0 1 0 1
I2C address + write
Command (see Table 6)
19 20 21 22 23 24 25 26 27
S 1 0 0 0 0 0 0 1
Measurement
I2C address + read
Hold during measurement
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45
0 1 1 0 0 0 1 1
0 1 0 1 0 0 1 0
Data (MSB)
Data (LSB) Stat.
46 47 48 49 50 51 52 53 54
0 1 1 0 0 1 0 0
P
Checksum
Figure 15 Hold master communication sequence – grey blocks
are controlled by SHT2x. Bit 45 may be changed to NACK
followed by Stop condition (P) to omit checksum transmission.
In no hold master mode, the MCU has to poll for the
termination of the internal processing of the sensor. This is
done by sending a Start condition followed by the I2C
header (1000’0001) as shown in Figure 16. If the internal
processing is finished, the sensor acknowledges the poll of
the MCU and data can be read by the MCU. If the
measurement processing is not finished the sensor
answers no ACK bit and the Start condition must be
issued once more.
When using the no hold master mode it is recommended
to include a wait period of 20 µs after the reception of the
sensor’s ACK bit (bit 18 in Figure 16) and before the Stop
condition.
For both modes, since the maximum resolution of a
measurement is 14 bit, the two last least significant bits
(LSBs, bits 43 and 44) are used for transmitting status
information. Bit 1 of the two LSBs indicates the
measurement type (‘0’: temperature, ‘1’ humidity). Bit 0 is
currently not assigned.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
S 1 0 0 0 0 0 0 0
1 1 1 1 0 1 0 1
wait P
I2C address + write
Command (see Table 6)
20µs
19 20 21 22 23 24 25 26 27
Measurement
S 1 0 0 0 0 0 0 1
P
measuring
I2C address + read
19 20 21 22 23 24 25 26 27
Measurement
S 1 0 0 0 0 0 0 1
continue measuring
I2C address + read
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45
0 1 1 0 0 0 1 1
0 1 0 1 0 0 1 0
Data (MSB)
Data (LSB) Stat.
46 47 48 49 50 51 52 53 54
0 1 1 0 0 1 0 0
P
Checksum
Figure 16 No Hold master communication sequence – grey
blocks are controlled by SHT2x. If measurement is not
completed upon “read” command, sensor does not provide ACK
on bit 27 (more of these iterations are possible). If bit 45 is
changed to NACK followed by Stop condition (P) checksum
transmission is omitted.
In the examples given in Figure 15 and Figure 16 the
sensor output is SRH = ‘0110’0011’0101’0000’. For the
calculation of physical values Status Bits must be set to ‘0’
– see Chapter 6.
The maximum duration for measurements depends on the
type of measurement and resolution chosen – values are
displayed in Table 7. Maximum values shall be chosen for
the communication planning of the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com