Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SHT20
Description  DFN type package ??reflow solderable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SHT20 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Datasheet SHT20
www.sensirion.com
Version 4 – May 2014
4/14
2 Application Information
2.1
Soldering Instructions
The DFN’s die pad (centre pad) and perimeter I/O pads
are fabricated from a planar copper lead-frame by over-
molding leaving the die pad and I/O pads exposed for
mechanical and electrical connection. Both the I/O pads
and die pad should be soldered to the PCB. In order to
prevent oxidation and optimize soldering, the bottom side
of the sensor pads is plated with Ni/Pd/Au.
On the PCB the I/O lands9 should be 0.2mm longer than
the package I/O pads. Inward corners may be rounded to
match the I/O pad shape. The I/O land width should match
the DFN-package I/O-pads width 1:1 and the land for the
die pad should match 1:1 with the DFN package – see
Figure 8.
The solder mask10 design for the land pattern preferably is
of type Non-Solder Mask Defined (NSMD) with solder
mask openings larger than metal pads. For NSMD pads,
the solder mask opening should be about 120μm to
150μm larger than the pad size, providing a 60μm to 75μm
design clearance between the copper pad and solder
mask. Rounded portions of package pads should have a
matching rounded solder mask-opening shape to minimize
the risk of solder bridging. For the actual pad dimensions,
each pad on the PCB should have its own solder mask
opening with a web of solder mask between adjacent
pads.
Figure 8 Recommended metal land pattern for SHT2x. Values
in mm. Die pad (centre pad) may be left floating or be connected
to ground, NC pads shall be left floating. The outer dotted line
represents the outer dimension of the DFN package.
For solder paste printing a laser-cut, stainless steel stencil
with electro-polished trapezoidal walls and with 0.125mm
stencil thickness is recommended. For the I/O pads the
stencil apertures should be 0.1mm longer than PCB pads
and positioned with 0.1mm offset away from the centre of
the package. The die pad aperture should cover about 70
– 90% of the pad area – say up to 1.4mm x 2.3mm
9 The land pattern is understood to be the metal layer on the PCB, onto which
the DFN pads are soldered to.
10 The solder mask is understood to be the insulating layer on top of the PCB
covering the connecting lines.
centered on the thermal land area. It can also be split in
two openings.
Due to the low mounted height of the DFN, “no clean”
type 3 solder paste11 is recommended as well as Nitrogen
purge during reflow.
Figure 9 Soldering profile according to JEDEC standard. TP <=
260°C and tP < 30sec for Pb-free assembly. TL < 220°C and tL <
150sec. Ramp-up/down speeds shall be < 5°C/sec.
It is important to note that the diced edge or side faces of
the I/O pads may oxidise over time, therefore a solder fillet
may or may not form. Hence there is no guarantee for
solder joint fillet heights of any kind.
For soldering SHT2x, standard reflow soldering ovens may
be used. The sensor is qualified to withstand soldering
profile according to IPC/JEDEC J-STD-020 with peak
temperatures at 260°C during up to 30sec for Pb-free
assembly in IR/Convection reflow ovens (see Figure 9).
For manual soldering contact time must be limited to 5
seconds at up to 350°C.
Immediately after the exposure to high temperatures the
sensor may temporarily read a negative humidity offset
(typ. -1 to -2 %RH after reflow soldering). This offset
slowly disappears again by itself when the sensor is
exposed to ambient conditions (typ. within 1-3 days). If RH
testing is performed immediately after reflow soldering,
this offset should be considered when defining the test
limits.
In no case, neither after manual nor reflow soldering, a
board wash shall be applied. Therefore, and as mentioned
above, it is strongly recommended to use “no-clean” solder
paste. In case of applications with exposure of the sensor
to corrosive gases or condensed water (i.e. environments
with high relative humidity) the soldering pads shall be
sealed (e.g. conformal coating) to prevent loose contacts
or short cuts.
2.2
Storage Conditions and Handling Instructions
Moisture Sensitivity Level (MSL) is 1, according to
IPC/JEDEC J-STD-020. At the same time, it is
11 Solder types are related to the solder particle size in the paste: Type 3 covers
the size range of 25 – 45 µm (powder type 42).
1.0
1.0
0.3
0.4
2.4
Time
tP
TP
TL
TS (max)
tL
preheating
critical zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com