Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SHT20
Description  DFN type package ??reflow solderable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SHT20 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 11Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Datasheet SHT20
www.sensirion.com
Version 4 – May 2014
9/14
Resolution RH typ RH max
T typ
T max
Units
14 bit
66
85
ms
13 bit
33
43
ms
12 Bit
22
29
17
22
ms
11 bit
12
15
9
11
ms
10 bit
7
9
ms
8 bit
3
4
ms
Table 7 Measurement times for RH and T measurements at
different resolutions. Typical values are recommended for
calculating energy consumption while maximum values shall be
applied for calculating waiting times in communication.
Please note: I2C communication allows for repeated Start
conditions (S) without closing prior sequence with Stop
condition (P) – compare Figures 15, 16 and 18. Still, any
sequence with adjacent Start condition may alternatively
be closed with a Stop condition.
5.5
Soft Reset
This command (see Table 6) is used for rebooting the
sensor system without switching the power off and on
again. Upon reception of this command, the sensor
system reinitializes and starts operation according to the
default settings – with the exception of the heater bit in the
user register (see Sect. 5.6). The soft reset takes less than
15ms.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
S 1 0 0 0 0 0 0 0
1 1 1 1 1 1 1 0
P
I2C address + write
Soft Reset
Figure 17 Soft Reset – grey blocks are controlled by SHT2x.
5.6
User Register
The content of User Register is described in Table 8.
Please note that reserved bits must not be changed and
default values of respective reserved bits may change
over time without prior notice. Therefore, for any writing to
the User Register, default values of reserved bits must be
read first. Thereafter, the full User Register string is
composed of respective default values of reserved bits
and the remainder of accessible bits optionally with default
or non-default values.
The end of battery alert is activated when the battery
power falls below 2.25V.
The heater is intended to be used for functionality
diagnosis – relative humidity drops upon rising
temperature. The heater consumes about 5.5mW and
provides a temperature increase of about 0.5 – 1.5°C.
OTP Reload is a safety feature and loads the entire OTP
settings to the register, with the exception of the heater bit,
before every measurement. This feature is disabled per
default and is not recommended for use. Please use Soft
Reset instead – it contains OTP Reload.
Bit
# Bits
Description / Coding
Default
7, 0
2
Measurement resolution
RH
T
‘00’
12 bit
14 bit
‘01’
8 bit
12 bit
‘10’
10 bit
13 bit
‘11’
11 bit
11 bit
‘00’
6
1
Status: End of battery13
‘0’: VDD > 2.25V
‘1’: VDD < 2.25V
‘0’
3, 4, 5
3
Reserved
2
1
Enable on-chip heater
‘0’
1
1
Disable OTP Reload
‘1’
Table 8 User Register. Cut-off value for End of Battery signal
may vary by ±0.1V. Reserved bits must not be changed. “OTP
reload” = ‘0’ loads default settings after each time a
measurement command is issued.
An example for I2C communication reading and writing the
User Register is given in Figure 18.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
S 1 0 0 0 0 0 0 0
1 1 1 0 0 1 1 1
I2C address + write
Read Register
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
S 1 0 0 0 0 0 0 1
0 0 0 0 0 0 1 0
I2C address + read
Register content
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54
S 1 0 0 0 0 0 0 0
1 1 1 0 0 1 1 0
I2C address + write
Write Register
55 56 57 58 59 60 61 62 63
0 0 0 0 0 0 1 1
P
Register content to be written
Figure 18 Read and write register sequence – grey blocks are
controlled by SHT2x. In this example, the resolution is set to 8bit
/ 12bit.
5.7
CRC Checksum
SHT2x provides a CRC-8 checksum for error detection.
The polynomial used is x8 + x5 + x4 +1. For more details
and implementation please refer to the application note
“CRC Checksum Calculation for SHT2x”.
13
This status bit is updated after each measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com