Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SHT20
Description  DFN type package ??reflow solderable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SHT20 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Datasheet SHT20
www.sensirion.com
Version 4 – May 2014
6/14
3 Interface Specifications
Pin Name
Comment
1
SDA Serial Data, bidirectional
2
VSS Ground
5
VDD Supply Voltage
6
SCL Serial Clock, bidirectional
3,4
NC Not Connected
Table 2 SHT2x pin assignment, NC remain floating (top view)
3.1
Power Pins (VDD, VSS)
The supply voltage of SHT2x must be in the range of 2.1 –
3.6V, recommended supply voltage is 3.0V. Power supply
pins Supply Voltage (VDD) and Ground (VSS) must be
decoupled with a 100nF capacitor, that shall be placed as
close to the sensor as possible – see Figure 11.
3.2
Serial clock (SCL)
SCL is used to synchronize the communication between
microcontroller (MCU) and the sensor. Since the interface
consists of fully static logic there is no minimum SCL
frequency.
3.3
Serial SDA (SDA)
The SDA pin is used to transfer data in and out of the
sensor. For sending a command to the sensor, SDA is
valid on the rising edge of SCL and must remain stable
while SCL is high. After the falling edge of SCL the SDA
value may be changed. For safe communication SDA shall
be valid tSU and tHD before the rising and after the falling
edge of SCL, respectively – see Figure 12. For reading
data from the sensor, SDA is valid tVD after SCL has gone
low and remains valid until the next falling edge of SCL.
Figure 11 Typical application circuit, including pull-up resistors
RP and decoupling of VDD and VSS by a capacitor.
To avoid signal contention the micro-controller unit (MCU)
must only drive SDA and SCL low. External pull-up
resistors (e.g. 10kΩ), are required to pull the signal high.
For the choice of resistor size please take bus capacity
requirements into account (compare Table 5). It should be
noted that pull-up resistors may be included in I/O circuits
of MCUs. See Table 4 and Table 5 for detailed I/O
characteristic of the sensor.
4 Electrical Characteristics
4.1
Absolute Maximum Ratings
The electrical characteristics of SHT2x are defined in
Table 1. The absolute maximum ratings as given in Table
3 are stress ratings only and give additional information.
Functional operation of the device at these conditions is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect the sensor
reliability (e.g. hot carrier degradation, oxide breakdown).
Parameter
min
max
Units
VDD to VSS
-0.3
5
V
Digital I/O Pins (SDA, SCL)
to VSS
-0.3
VDD + 0.3
V
Input Current on any Pin
-100
100
mA
Table 3 Electrical absolute maximum ratings
ESD immunity is qualified according to JEDEC JESD22-
A114 method (Human Body Model at
4kV), JEDEC
JESD22-A115 method (Machine Model
200V) and ESDA
ESD-STM5.3.1-1999 and AEC-Q100-011 (Charged
Device Model, 750V corner pins, 500V other pins). Latch-
up immunity is provided at a force current of
100mA with
Tamb = 125°C according to JEDEC JESD78. For exposure
beyond named limits the sensor needs additional
protection circuit.
4.2
Input / Output Characteristics
The electrical characteristics such as power consumption,
low and high level input and output voltages depend on
the supply voltage. For proper communication with the
sensor it is essential to make sure that signal design is
strictly within the limits given in Table 4 & 5 and Figure 12.
Parameter
Conditions
min
typ
max Units
Output Low
Voltage, VOL
VDD = 3.0 V,
-4 mA < IOL < 0mA
0
-
0.4
V
Output Sink
Current, IOL
-
-
-4
mA
Input Low
Voltage, VIL
0
-
30%
VDD
V
Input High
Voltage, VIH
70%
VDD
-
VDD
V
Input Current
VDD = 3.6 V,
VIN = 0 V to 3.6 V
-
-
±1
uA
Table 4 DC characteristics of digital input/output pads. VDD =
2.1V to 3.6V, T = -40°C to 125°C, unless otherwise noted.
SDA
SCL
GND
VDD
MCU (master)
RP
RP
SCL OUT
SDA OUT
SDA IN
SCL IN
SHT2x
(slave)
1
6
5
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com