Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2653CQ Datasheet(PDF) 16 Page - Micro Linear Corporation

Part # ML2653CQ
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2653CQ Datasheet(HTML) 16 Page - Micro Linear Corporation

Back Button ML2653CQ Datasheet HTML 12Page - Micro Linear Corporation ML2653CQ Datasheet HTML 13Page - Micro Linear Corporation ML2653CQ Datasheet HTML 14Page - Micro Linear Corporation ML2653CQ Datasheet HTML 15Page - Micro Linear Corporation ML2653CQ Datasheet HTML 16Page - Micro Linear Corporation ML2653CQ Datasheet HTML 17Page - Micro Linear Corporation ML2653CQ Datasheet HTML 18Page - Micro Linear Corporation ML2653CQ Datasheet HTML 19Page - Micro Linear Corporation ML2653CQ Datasheet HTML 20Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
ML2652/ML2653
controller via the controller interface. In addition, the
receive section detects and automatically corrects for
reverse polarity, detects link pulses, detects start of idle
pulses, and implements an intelligent receive squelch
algorithm. The receive section can successfully lock onto
an incoming data that contains ±18ns of jitter in less than
1.6µs.
The miscellaneous functions are the controller interface,
single pin crystal oscillator, AUI, loopback modes, test
mode, and powerdown mode. The ML2653 has no AUI
interface output.
The following text describes each of these blocks and
functions in more detail. Refer to the block diagram.
TRANSMISSION
The transmit data (NRZ) is first clocked into the device
through the controller interface. The device can be
digitally programmed to accommodate any one of four
standard Ethernet controllers as described in Controller
section.
FUNCTIONAL DESCRIPTION
GENERAL
The ML2652 and ML2653 are composed of a transmitter
section, receive section and some miscellaneous
functions.
The transmit section consists of the manchester encoder,
AUI, jabber detect, link pulse generator, start of idle (SOI)
pulse generator, waveform generator, and line driver. The
purpose of the transmit section is to take data from the
controller, encode it, and transmit it over either the AUI or
twisted pair interface. In addition, the transmit section
generates link pulses, start of idle pulses, and checks for
jabber condition. The transmitter keeps the data jitter to a
maximum of ±8.0ns, and the maximum delay through the
transmission section is less than 2 bits, or 200ns.
The receive section consists of the manchester decoder,
collision detect, AUI, receive LPF, receive comparators,
receive squelch, automatic polarity correct, start of idle
(SOI) detect, and link pulse detect. The purpose of the
receive section is to take data from either the twisted pair
cable or AUI, decode it, then send the data to the
APPLICATION CIRCUIT — ML2653
TxC
TxD
TxE
COL
RxC
RxD
RxE
FD
LPBK
CS0
CS1
CS2
RSL
XMT/RCV
LTP
RPOL
VCC
VCC
CLK GND GND RTX
Tx+
Tx–
Rx+
Rx–
0.1µF
0.1µF
+5V
200
Ω
1%
+5V
200
Ω
1%
98
Ω
1%
10K
RJ45
2:1
1:1
ETHERNET
CONTROLLER
(SEE TABLE 1)
SEEQ 8003
SEEQ 8005
NSC DP8390
AMD AM7990
INTEL 82586
INTEL 82596
+5V
ML2653
+5V
+5V
+5V
510
Ω
510
Ω
5.1K
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com