Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2653CQ Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML2653CQ
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2653CQ Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML2653CQ Datasheet HTML 3Page - Micro Linear Corporation ML2653CQ Datasheet HTML 4Page - Micro Linear Corporation ML2653CQ Datasheet HTML 5Page - Micro Linear Corporation ML2653CQ Datasheet HTML 6Page - Micro Linear Corporation ML2653CQ Datasheet HTML 7Page - Micro Linear Corporation ML2653CQ Datasheet HTML 8Page - Micro Linear Corporation ML2653CQ Datasheet HTML 9Page - Micro Linear Corporation ML2653CQ Datasheet HTML 10Page - Micro Linear Corporation ML2653CQ Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
ML2652/ML2653
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t9
Start of Idle
Tx±
Pulse Width
DO±
200
350
ns
t10
SOI pulse width to within
Tx±
4500
ns
40mV of final value
DO±
8000
ns
t11
Transmit output jitter
Tx±
± 8.0
ns
DO±
± .5
ns
t12
Transmit output
rise and fall time
Tx± , 10–90%
5
ns
t13
TxE to XMT assert
250
ms
t14
XMT blinker pulse period
95
115
ms
t15
XMT duty cycle
45
55
%
t20
Start of receive packet
Rx±
600
ns
to RxE assert
DI±
200
ns
t21
Start of receive packet
Rx+
1600
ns
to RxC active
DI+
1300
ns
t22
RxC on time
45
900
ns
t23
RxC off time
45
55
ns
t24
RxD valid before RxC
45
ns
t25
RxD valid after RxC
35
ns
t26
RxE assert to RCV assert
250
ms
t27
RCV blinker pulse period
95
115
ms
t28
RCV duty cycle
45
55
%
t29
Receive input jitter
Preamble
± 12
ns
Data
± 18
ns
t30
Receive propagation delay
Tx±
160
ns
DI±
160
ns
t31
RxC to RxE assert
30
60
ns
t32
RxC to RxE deassert
20
45
ns
t33
RxE deassert to RxC switchover
100
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com