Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2653CQ Datasheet(PDF) 20 Page - Micro Linear Corporation

Part # ML2653CQ
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2653CQ Datasheet(HTML) 20 Page - Micro Linear Corporation

Back Button ML2653CQ Datasheet HTML 15Page - Micro Linear Corporation ML2653CQ Datasheet HTML 16Page - Micro Linear Corporation ML2653CQ Datasheet HTML 17Page - Micro Linear Corporation ML2653CQ Datasheet HTML 18Page - Micro Linear Corporation ML2653CQ Datasheet HTML 19Page - Micro Linear Corporation ML2653CQ Datasheet HTML 20Page - Micro Linear Corporation ML2653CQ Datasheet HTML 21Page - Micro Linear Corporation ML2653CQ Datasheet HTML 22Page - Micro Linear Corporation ML2653CQ Datasheet HTML 23Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
ML2652/ML2653
outputs can be coupled to an external MAU with either
capacitors or a transformer. The ML2652 meets all AUI
transmitter specifications outlined in IEEE 802.3–1988
Section 7.
DI+ and DI– are inputs from the external MAU which
contain the receive data that goes to the manchester
decoder.
The DI+ and DI– inputs contain an AUI DI squelch circuit
which determines when incoming data on DI+ and DI– is
valid. The DI squelch is considered “on” when the data is
deemed to be invalid, and the DI squelch is considered
“off” when data is determined to be valid.
The input signal on DI+ and DI– must meet the following
criteria in order to turn receive squelch off and be
recognized as valid data:
1. The input signal must exceed the negative AUI DI
squelch on level.
2. The input signal must exceed the negative AUI DI
squelch on level for more than 20ns.
When the DI squelch is turned off, the DI squelch off level
is reduced to 2/3 of the DI squelch on level.
The DI squelch circuit will be turned back on if the idle
period is detected by no DI squelch level transitions for
more than 180ns.
An external 78 ohm termination resistor is needed across
DI+ and DI– as shown in Figure 12. The DI+ and DI–
inputs can be coupled from an external MAU into the
ML2652 with either capacitors or a transformer. The
ML2652 meets all AUI receiver specifications outlined in
IEEE 802.3–1988 Section 7.
CI+ and CI– are inputs from the external MAU which
contain the 10 MHz ± 15% collision signal as defined in
IEEE 802.3–1988 Section 7. The CI+ and CI– inputs
contain the same squelch circuit used on the DI inputs
described in previous paragraphs in this section.
An external 78 ohm termination resistor is needed across
CI+ and CI– as shown in Figure 12. The CI+ and CI– inputs
can be coupled from an external MAU into the ML2652
with either capacitors (shown in Figure 12) or a
transformer. The ML2652 meets all AUI receiver
specifications outlined in IEEE 802.3–1988 Section 7.
The ML2652 contains an AUI/TP select input pin which
controls whether the AUI or twisted pair interface is to be
used for data transmission and reception. When AUI/
Twisted Pair Switching = High, the AUI is used for data
transmission and reception. When AUI/Twisted Pair
Switching = Low, the twisted pair interface is used for data
transmission and reception.
The AUISEL pin is a digital status output that indicates
which interface has been selected for data transfer, either
twisted pair or AUI. The pin consists of an open drain
output with an internal pull-up resistor and can drive an
LED from VCC or another digital input. AUISEL = High
indicates that the twisted pair interface has been selected.
AUISEL = Low indicates that the AUI interface has been
selected.
The ML2652 has the capability to automatically select
between the twisted pair interface and AUI. This automatic
interface selection is accomplished by tying the LTP
output pin to the AUI/TP input pin. When these two pins
are connected together, if valid link pulses are detected, it
is assumed that the twisted pair interface is being used.
This causes LTP output to go low, thus forcing AUI/TP low,
and thus enabling the twisted pair interface. If no valid
link pulses are detected, it is assumed that the twisted pair
interface is not being used, thus causing LTP to go high,
thus forcing AUI/TP high, thus enabling the AUI interface.
If valid link pulses reappear, the device will automatically
disable the AUI and enable the twisted pair interface. The
algorithm for determining valid link pulses is described in
the Link Pulse section.
LOOPBACK
LPBK provides a loopback through the manchester
encoder/decoder, but not through the on-chip 10BASE-T
MAU. No data will go out on either the AUI port or the
twisted pair port in this mode. This same function is found
on many discrete manchester encoder/decoders.
IEEE 802.3 MAUs normally loop the transmit data (DO+)
when transmitting with no collisions. When using an
external transceiver through the ML2652's AUI port, the
controller can first check the local loopback by setting
LPBK. If it passes this test it can then check the AUI cable
and external MAU by doing the normal MAU loopback.
FULL DUPLEX OPERATION
The ML2652 and ML2653 are capable of operating in the
full duplex mode which transmits and receives data
simultaneously. In the full duplex mode the collision
circuitry is disabled just as it is in the loopback mode. To
achieve full duplex operation the full duplex pin FD is
enabled and the loopback pin LPBK must be disabled.
Both of these conditions must be present to operate in the
full duplex mode.
CONTROLLER INTERFACE
The ML2652 and ML2653 has a flexible and
programmable digital interface which enables it to directly
interface to Ethernet controllers manufactured by Intel,
AMD, National and Seeq.
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com