Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2653CQ Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML2653CQ
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2653CQ Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML2653CQ Datasheet HTML 1Page - Micro Linear Corporation ML2653CQ Datasheet HTML 2Page - Micro Linear Corporation ML2653CQ Datasheet HTML 3Page - Micro Linear Corporation ML2653CQ Datasheet HTML 4Page - Micro Linear Corporation ML2653CQ Datasheet HTML 5Page - Micro Linear Corporation ML2653CQ Datasheet HTML 6Page - Micro Linear Corporation ML2653CQ Datasheet HTML 7Page - Micro Linear Corporation ML2653CQ Datasheet HTML 8Page - Micro Linear Corporation ML2653CQ Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
ML2652/ML2653
ELECTRICAL CHARACTERISTICS (Continued)
Unless otherwise specified TA = 0°C to 70°C, VCC = 5V +5%. Note 2 & 3.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Digital input low voltage
All except CLK
.8
V
CLK
1.5
V
VIH
Digital input high voltage
All except CLK
2.0
V
CLK
3.5
V
IIL
Digital input low current
VIN=GND TxD, TxE, AUI/TP
–5
µA
VIN=GND LPBK, CS2–0, LBDIS,JABDIS
–5
µA
VIN=GND RSL
–10
–25
–50
µA
VIN=GND LTP, RPOL,
–15
–250
–500
µA
VIN=GND CLK
–300
µA
IIH
Digital input high current
VIN=VCC TxD, TxE, AUI/TP
1µA
VIN=VCC LPBK, CS2–0, LBDIS, JABDIS
10
25
50
µA
VIN=VCC RSL
1
µA
VIN=VCC LTP, RPOL
1
µA
VIN=VCC CLK
250
µA
CIN
Digital input capacitance
All except CLK
5
pF
CLK
10
pF
VOL
Digital output low voltage
IOL=–2mA TxC, COL,
RxC, RxD, RxE
.4
V
IOL=–10mA XMT, RCV,
CLS, LTP, RPOL, JAB
.6
V
VOH
Digital output high voltage
IOH=2mA TxC, COL,
RxC, RxD, RxE
4.0
V
IOL=10uA XMT, RCV, CLS,
LTP, RPOL, JAB
2.4
V
ICC
VCC supply current
TX transmission
140
mA
No transmission
105
mA
Powerdown mode
2
mA
TOV
Tx± differential
output voltage
RTX = 10K
2.2
2.5
2.8
Vp
THD
Tx± harmonic distortion
TxD=all ones
–27
dB
TCM
Tx± common mode
output voltage
± 50
mVp
TCMR
Tx± common mode rejection
VCM=15vp, 10.1 MHz sine
± 100
mVp
TOVI
Tx± differential output
voltage during idle
± 50
mVp
TOIA
Tx± output current accuracy
RTX=10K
50
mA
TRO
Tx± output resistance
1
Mohm
TCO
Tx± output capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com