Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2653CQ Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2653CQ
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2653CQ Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2653CQ Datasheet HTML 1Page - Micro Linear Corporation ML2653CQ Datasheet HTML 2Page - Micro Linear Corporation ML2653CQ Datasheet HTML 3Page - Micro Linear Corporation ML2653CQ Datasheet HTML 4Page - Micro Linear Corporation ML2653CQ Datasheet HTML 5Page - Micro Linear Corporation ML2653CQ Datasheet HTML 6Page - Micro Linear Corporation ML2653CQ Datasheet HTML 7Page - Micro Linear Corporation ML2653CQ Datasheet HTML 8Page - Micro Linear Corporation ML2653CQ Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
ML2652/ML2653
NAME
FUNCTION
RxD
Receive data output. Digital output which
contains receive data sent to the controller.
RxE
Receive data valid. Digital output to the controller
that indicates when the receive data (RxD) is
valid.
LPBK
Local loopback. Digital input from the controller
which forces the device to loopback transmit data
without sending it on the media.
FD
Full Duplex Enable. When enabled the 10BASE-T
MAU loopback and collision detect are disabled.
LPBK must be disabled when using this function.
CS0
Controller selection input. Digital input which
selects one of four standard controller timing
interfaces. This pin has an internal pulldown
resistor to GND.
CS1
Controller select input. Digital input which selects
one of four standard controller timing interfaces.
This pin has an internal pulldown resistor to GND.
CS2
Controller select input. Digital input which selects
one of four standard controller timing interfaces.
This pin has an internal pulldown resistor to GND.
RSL
Receive squelch level select input. Pin has
internal pullup resistor to VCC.
RSL = High Receive squelch level = 10Base-T
RSL = Low Receive squelch level = extended
distance
XMT
Transmit status output. Digital output which
indicates data transmission on Tx+ and Tx–.
Pin is open drain output with resistor pullup and is
capable of driving an LED. XMT pin and RCV pin
are the same pin for the ML2653.
RCV
Receive status output. Digital output which
indicates unsquelched data reception on Rx+
and Rx–. Pin is an open drain output with resistor
pullup and is capable of driving an LED.
NAME
FUNCTION
CLS
Collision status output. Digital output which
indicates that collision condition has been
detected. Pin is an open drain output with resistor
pullup and is capable of driving an LED.
LTP
Link test pass output/input. This pin consists of an
open drain output transistor with a resistor pullup
that serves both as a link test pass output and a
link test disable input. When used as an output,
this pin is capable of driving an LED.
LTP = High, link test failed
LTP = Low, link test pass
LTP = GND, link test disabled
AUI/TP AUI/twisted pair interface select input.
AUI/TP = High, AUI selected
AUI/TP = Low, TP selected
RPOL This pin must be grounded at all times.
JAB
Jabber detect output. Digital output which
indicates that the jabber condition has been
detected. Pin is an open drain output with resister
pullup and is capable of driving a LED.
JAB = High, normal
JAB = Low, jabber detected
AUISEL AUI/TP port output status
AUISEL = High, TP port selected
AUISEL = Low, AUI port selected
JABDIS Jabber disable input
JABDIS = High, jabber disabled
JABDIS = Low, normal operation
NC
No connect. Leave this pin open circuit.
PIN DESCRIPTION (Continued)
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limits beyond which the
life of the integrated circuit may be impaired. All voltages
unless otherwise specified are measured with respect to
GND. (Note 1)
VCC supply voltage .................................................. +6.5V
All inputs and outputs ....................... –0.3V to VCC + 0.3V
Input current per pin ............................................. ±25 mA
Power dissipation .............................................. 0.75 Watt
Storage temperature range ........................ –65°C to 150°C
Junction Temperature .............................................. 150°C
Lead temperature (soldering, 10 sec) ....................... 260°C
Thermal Resistance (
qJA)
28-Lead PLCC ................................................... 60°C/W
44-Lead PLCC ................................................... 54°C/W
44-Lead TQFP ................................................... 67°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com