Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2653CQ Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML2653CQ
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2653CQ Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML2653CQ Datasheet HTML 2Page - Micro Linear Corporation ML2653CQ Datasheet HTML 3Page - Micro Linear Corporation ML2653CQ Datasheet HTML 4Page - Micro Linear Corporation ML2653CQ Datasheet HTML 5Page - Micro Linear Corporation ML2653CQ Datasheet HTML 6Page - Micro Linear Corporation ML2653CQ Datasheet HTML 7Page - Micro Linear Corporation ML2653CQ Datasheet HTML 8Page - Micro Linear Corporation ML2653CQ Datasheet HTML 9Page - Micro Linear Corporation ML2653CQ Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
ML2652/ML2653
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RRI
Receive input resistance
2.5K
10K
ohms
RCI
Receive input capacitance
10
pF
RSON
Receive squelch on level
RSL=1
275
520
mVp
(Differential zero
RSL=0
150
325
mVp
to peak voltage)
RSOF
Receive squelch off level
RSL=1
150
325
mVp
(Differental zero
RSL=0
100
225
mVp
to peak voltage)
DOV
DO± differential
output voltage
± 550
± 1170
mV
DOVI
DO± differential
output voltage during idle
± 40
mV
DOUS
DO±differential output
voltage return to 0 undershoot
–100
mV
DOCMA DO± common mode AC
output voltage
± 40
mV
DOCMA DO± common mode DC
output voltage
VCC *.5
V
DIRI
DI/CI input resistance
2.5K
10K
ohms
DICI
DI/CI input capacitance
10
pF
DIBV
DI/CI input bias voltage
DI/CI floating
VCC *.5
V
DISON
DI/CI squelch on level
–175
–325
mVp
t1
TxC on time
45
55
ns
t2
TxC off time
45
55
ns
t3
TxC period
100
ns
t4
TxE setup time
25
ns
t5
TxE hold time
0
ns
t6
TxD setup time
25
ns
t7
TxD hold time
0
ns
t8
Transmit propagation delay
Tx±
60
200
ns
DO±
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com