Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2653CQ Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML2653CQ
Description  10Base-T Physical Interface Chip
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2653CQ Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML2653CQ Datasheet HTML 4Page - Micro Linear Corporation ML2653CQ Datasheet HTML 5Page - Micro Linear Corporation ML2653CQ Datasheet HTML 6Page - Micro Linear Corporation ML2653CQ Datasheet HTML 7Page - Micro Linear Corporation ML2653CQ Datasheet HTML 8Page - Micro Linear Corporation ML2653CQ Datasheet HTML 9Page - Micro Linear Corporation ML2653CQ Datasheet HTML 10Page - Micro Linear Corporation ML2653CQ Datasheet HTML 11Page - Micro Linear Corporation ML2653CQ Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
ML2652/ML2653
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t34
Minimum SOI pulse width
Tx±
180
ns
required for receive detection
DI±
180
ns
t40
Jabber activation delay-
20
150
ms
TxE assert to Tx± disable
t41
Tx± disable to JAB assert
200
ms
t42
Jabber reset time – TxE
250
750
ms
deassert to JAB deassert
t43
Tx± disable to COL assert
50
ns
t44
Tx± disable to CLS assert
50
ns
t45
JAB deassert to COL deassert
50
ns
t46
JAB deassert to CLS deassert
50
ns
t51
Transmit link pulse period
8
24
ms
t52
Minimum link pulse period
2
7
ms
required for receive detection
t52
Maximum link pulse period
25
150
ms
required for receive detection
t53
Receive link pulse no detect
50
150
ms
to LTP deassert
t54
Receive link pulse detect to
2
Link Pulse
LTP assert
t55
AUI/TP to AUISEL delay
200
ns
t60
TxE deassert to COL assert
.9
1.0
1.1
µs
t61
COL pulse Width
.9
1.0
1.1
µs
t70
Start of RCV packet during
Rx±
500
ns
transmission to COL assert
t71
Start of RCV packet during
Rx±
500
ns
transmission to CLS assert
t72
End of RCV packet during
Rx±
300
ns
transmission to COL deassert
t73
CLS blinker pulse period
95
115
ms
t74
CLS duty cycle
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com