Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4830CS
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4830CS Datasheet HTML 1Page - Micro Linear Corporation ML4830CS Datasheet HTML 2Page - Micro Linear Corporation ML4830CS Datasheet HTML 3Page - Micro Linear Corporation ML4830CS Datasheet HTML 4Page - Micro Linear Corporation ML4830CS Datasheet HTML 5Page - Micro Linear Corporation ML4830CS Datasheet HTML 6Page - Micro Linear Corporation ML4830CS Datasheet HTML 7Page - Micro Linear Corporation ML4830CS Datasheet HTML 8Page - Micro Linear Corporation ML4830CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ML4830
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
Initial accuracy
TA = 25°C, PWM or
Dimming Lockout
72
80
88
KHz
Voltage stability
VCCZ – 3V < VCC <VCCZ – 0.5V
1
%
Temperature stability
2%
Total Variation
Line, temperature
68
92
KHz
Ramp Valley to Peak
2.5
V
C(T) Charging Current (FM Modes)
VPIN8 = 0V, VPIN9 = 2.5V,
VPIN12 = 0.9V, Preheat
–94
µA
VPIN8 = 0V, VPIN9 = 2.5V,
Max. dimming
–188
µA
C(T) Discharge Current
VPIN8 = 0V, VPIN9 = 2.5V
5
mA
Output Drive Deadtime
0.2
µs
R(SET) Voltage
2.5
V
Reference Section
Output Voltage
TA = 25°C, IO = 1mA
7.4
7.5
7.6
V
Line regulation
VCCZ – 3V < VCC , VCCZ – 0.5V
2
10
mV
Load regulation
1mA < IO < 20mA
2
15
mV
Temperature stability
0.4
%
Total Variation
Line, load, temp
7.35
7.65
V
Output Noise Voltage
10Hz to 10KHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hrs
5
mV
Short Circuit Current
VCC < VCCZ – 0.5V, VREF = 0V
–40
mA
Preheat and Interrupt Timer (Pin 10) (R(X) = 590Ký, C(X) = 5.6µF)
Initial Preheat Period
0.8
s
Subsequent Preheat Period
0.7
s
Start Period
2.1
s
Interrupt Period
6.3
s
Pin 12 Charging Current
–23
µA
Pin 12 Open Circuit Voltage
VCC = 12.3V in UVLO
0.4
0.9
1.1
V
Pin 12 Maximum Voltage
7.0
7.3
7.7
V
Input Bias Current
VPIN12 = 1.2V
–0.1
µA
Preheat Lower Threshold
1.18
V
Preheat Upper Threshold
3.36
V
Interrupt Recovery Threshold
1.18
V
Start Period End Threshold
6.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com