Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830CS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4830CS
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830CS Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4830CS Datasheet HTML 4Page - Micro Linear Corporation ML4830CS Datasheet HTML 5Page - Micro Linear Corporation ML4830CS Datasheet HTML 6Page - Micro Linear Corporation ML4830CS Datasheet HTML 7Page - Micro Linear Corporation ML4830CS Datasheet HTML 8Page - Micro Linear Corporation ML4830CS Datasheet HTML 9Page - Micro Linear Corporation ML4830CS Datasheet HTML 10Page - Micro Linear Corporation ML4830CS Datasheet HTML 11Page - Micro Linear Corporation ML4830CS Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ML4830
8
IC BIAS, UNDER-VOLTAGE LOCKOUT AND THERMAL
SHUTDOWN
The IC includes a shunt regulator which will limit the
voltage at VCC to 13.5 (VCCZ). The IC should be fed with
a current limited source, typically derived from the ballast
transformer auxiliary winding. When VCC is below VCCZ
– 0.7V, the IC draws less than 1.7mA of quiescent current
and the outputs are off. This allows the IC to start using a
“bleed resistor” from the rectified AC line.
VCCZ
VCC
ICC
t
V(ON)
V(OFF)
15mA
1.3mA
t
Figure 3. Typical VCC and ICC waveforms when ML4830
is started with a bleed resistor from the rectified AC line
and bootstrapped from the ballast transformer.
To help reduce ballast cost, the ML4830 includes a
temperature sensor which will inhibit ballast operation if
the IC’s junction temperature exceeds 120°C. In order to
use this sensor in lieu of an external sensor, care should be
taken when placing the IC to ensure that it is sensing
temperature at the physically appropriate point in the
ballast. The ML4830’s die temperature can be estimated
with the following equation:
TT
P
C W
JA
D
≅×
×
°
65
/
(7)
STARTING, RE-START, PREHEAT AND INTERRUPT
The lamp starting scenario implemented in the ML4830 is
designed to maximize lamp life and minimize ballast
heating during lamp out conditions.
The circuit in Figure 4 controls the lamp starting scenarios:
Filament preheat and Lamp Out interrupt. C(X) is charged
with a current of
I
or
R SET
and disch
ed
R SET
()
.
()
arg
4
0 625
through R(X). The voltage at C(X) is initialized to 0.7V
(VBE) at power up. The time for C(X) to rise to 3.4V is the
filament preheat time. During that time, the oscillator
ch
ing current I
is
R SET
in both VCO
es
CHG
arg
(
)
.
()
mod .
25
This will produce a high frequency (or low duty cycle) for
filament preheat, but will not produce sufficient voltage to
ignite the lamp.
After cathode heating, the inverter frequency drops to
FMIN causing a high voltage to appear to ignite the lamp.
If the voltage does not drop when the lamp is supposed to
have ignited, the lamp voltage feedback coming into Pin
10 rises to above VREF, the C(X) charging current is shut off
and the inverter is inhibited until C(X) is discharged by
R(X) to the 1.2V threshold. Shutting off the inverter in this
manner prevents the inverter from generating excessive
heat when the lamp fails to strike or is out of socket.
Typically this time is set to be fairly long by choosing a
large value of R(X).
LFB OUT is ignored until C(X) reaches 6.8V threshold.
The lamps are therefore driven to full power and then
dimmed. The C(X) pin is clamped to about 7.5V.
A timing diagram of lamp ignition and restart sequences
provided by the circuit of Figure 4 is given in Figure 7.
12
10
R(X)
C(X)
6.8
+
–
1.2/3.4
HEAT
INHIBIT
.625
R(SET)
+
–
1.2/6.8
–
+
VREF
DIMMING
LOCKOUT
R(X)/C(X)
INT
Q
R
S
Figure 4. Lamp Preheat and Interrupt Timers
Mode
PWM
FM
[F(MAX) to F(MIN)]
Preheat
50%
2
Dimming
Lock-out
D(MAX)%
F(MIN)
Dimming
Control
0 to D(MAX)%
F(MIN) to F(MAX)
Figure 5. Lamp Starting Summary
A summary of the lamp starting scenarios are given in
figure 5 for both PWM and Frequency Modulation modes.
The PWM duty cycle is defined as:
Duty Cycle
t
t
ON
CLK
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com