Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830CS Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4830CS
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830CS Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4830CS Datasheet HTML 1Page - Micro Linear Corporation ML4830CS Datasheet HTML 2Page - Micro Linear Corporation ML4830CS Datasheet HTML 3Page - Micro Linear Corporation ML4830CS Datasheet HTML 4Page - Micro Linear Corporation ML4830CS Datasheet HTML 5Page - Micro Linear Corporation ML4830CS Datasheet HTML 6Page - Micro Linear Corporation ML4830CS Datasheet HTML 7Page - Micro Linear Corporation ML4830CS Datasheet HTML 8Page - Micro Linear Corporation ML4830CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
March 1997
ML4830*
Electronic Ballast Controller
GENERAL DESCRIPTION
The ML4830 is a complete solution for a dimmable, high
power factor, high efficiency electronic ballast.
Contained in the ML4830 are controllers for “boost” type
power factor correction as well as for a dimming ballast.
The Power factor circuit uses the average current sensing
method with a gain modulator and over-voltage
protection. This system produces power factors of better
than 0.99 with low input current THD at > 95%
efficiency. Special care has been taken in the design of
the ML4830 to increase system noise immunity by using a
high amplitude oscillator, and a gain modulator. An over-
voltage protection comparator stops the PFC section in
the event of sudden load decrease.
The ballast section provides for programmable starting
scenarios with programmable preheat and lamp out-of-
socket interrupt times. The IC controls lamp output
through either frequency or Pulse Width control using
lamp current feedback.
The ML4830 is designed using Micro Linear‘s Semi-
Standard tile array methodology. Customized versions of
this IC, optimized to specific ballast architectures can be
made available. Contact Micro Linear or an authorized
representative for more information.
FEATURES
s
Complete Power Factor Correction and Dimming
Ballast Control on one IC
s
Low Distortion, High Efficiency Continuous Boost,
Average Current sensing PFC section
s
Programmable Start Scenario for Rapid or Instant Start
Lamps
s
Selectable Variable Frequency dimming and starting
s
Programmable Restart for lamp out condition to
reduce ballast heating
s
Over-Temperature Shutdown replaces external heat
sensor for safety
s
PFC Over-Voltage comparator eliminates output
“runaway” due to load removal
s
Large oscillator amplitude and gain modulator
improves noise immunity
*This Part Is End Of Life As Of August 1, 2000
BLOCK DIAGRAM
7
R(SET)
OSCILLATOR
9
R(T)/C(T)
12
R(X)/C(X)
PRE-HEAT
AND INTERRUPT
TIMERS
PWM OR
FREQUENCY
MODULATOR
10
INTERRUPT
11
OVP/INHIBIT
POWER
FACTOR
CONTROLLER
UNDER-VOLTAGE
AND THERMAL
SHUTDOWN
OUTPUT
DRIVERS
2
IA OUT
1
IA–
4
IA+/I(LIM)
3
I(SINE)
20
EA OUT
19
EA–
GND
13
PFC OUT
16
VREF
18
VCC
17
OUT B
14
OUT A
15
LFB OUT
6
LAMP F.B.
5
MODE
8


Similar Part No. - ML4830CS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4830CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com