Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830CS Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4830CS
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830CS Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4830CS Datasheet HTML 7Page - Micro Linear Corporation ML4830CS Datasheet HTML 8Page - Micro Linear Corporation ML4830CS Datasheet HTML 9Page - Micro Linear Corporation ML4830CS Datasheet HTML 10Page - Micro Linear Corporation ML4830CS Datasheet HTML 11Page - Micro Linear Corporation ML4830CS Datasheet HTML 12Page - Micro Linear Corporation ML4830CS Datasheet HTML 13Page - Micro Linear Corporation ML4830CS Datasheet HTML 14Page - Micro Linear Corporation ML4830CS Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ML4830
11
CAPACITORS
QTY.
REF.
DESCRIPTION
MFR.
PART NUMBER
2
C1, 2
3.3nF, 125VAC, 10%, ceramic, “Y” capacitor
Panasonic
ECK-DNS332ME
1
C3
0.33µF, 250VAC, “X”, capacitor
Panasonic
ECQ-U2A334MV
4
C4, 8, 9, 12, 22 0.1µF, 50V, 10%, ceramic capacitor
AVX
SR215C104KAA
1
C5
47nF, 50V, 10%, ceramic capacitor
AVX
SR211C472KAA
1
C6
1.5µF, 50V, 2.5%, NPO ceramic capacitor
AVX
RPE121COG152
2
C7
1µF, 50V, 20%, ceramic capacitor
AVX
SR305E105MAA
1
C10
100µF, 25V, 20%, electrolytic capacitor
Panasonic
ECE-A1EFS101
1
C11
100µF, 250V, 20%, electrolytic capacitor
Panasonic
ECE-S2EG101E
1
C13
4.7µF, 50V, 20%, electrolytic capacitor
Panasonic
ECE-A50Z4R7
3
C14, 15, 17
0.22µF, 50V, 10%, ceramic capacitor
AVX
SR305C224KAA
1
C16
1.5µF, 50V, 10%, ceramic capacitor
AVX
SR151V152KAA
1
C19
22nF, 630V, 5%, polypropylene capacitor
WIMA
MKP10, 22nF, 630V, 5%
1
C20
0.1µF, 250V, 5%, polypropylene capacitor
WIMA
MKP10, 0.1µF, 250V, 5%
1
C21
0.01µF, 50V, 10%, ceramic capacitor
AVX
SR211C103KAA
1
C24
220µF, 16V, 20%, electrolytic capacitor
Panasonic
ECE-A16Z220
RESISTORS:
1
R1
0.5ý, 5%, 1/2W, metal film resistor
NTE
1
R2
4.3K, 1/4W, 5%, carbon film resistor
Yageo
4.3K-Q
1
R3
47K, 1/4W, 5%, carbon film resistor
Yageo
47K-Q
1
R4
12K, 1/4W, 5%, carbon film resistor
Yageo
12K-Q
1
R5
20K, 1/4W, 1%, metal film resistor
Dale
SMA4-20K-1
1
R6
360K, 1/4W, 5%, carbon film resistor
Yageo
360K-Q
1
R7
36K, 1W, 5%, carbon film resistor
Yageo
36KW-1-ND
3
R8, 22, 11
22ý, 1/4W, 5%, carbon film resistor
Yageo
22-Q
1
R9
402K, 1/4W, 1%, metal film resistor
Dale
SMA4-402K-1
1
R10, 13
17.8K, 1/4W, 1%, metal film resistor
Dale
SMA4-17.8K-1
1
R12, 20
475K, 1/4W, 1%, metal film resistor
Dale
SMA4-475K-1
APPLICATIONS (continued)
The schematic (Figure 8) and the bill of materials on the
following pages represents a complete parts list for the
schematic (Figure 8). Designators refer to Micro Linear’s
“rev B” PCB.
TABLE 1: PARTS LIST FOR THE ML4830 TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com