Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830CS Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4830CS
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830CS Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4830CS Datasheet HTML 7Page - Micro Linear Corporation ML4830CS Datasheet HTML 8Page - Micro Linear Corporation ML4830CS Datasheet HTML 9Page - Micro Linear Corporation ML4830CS Datasheet HTML 10Page - Micro Linear Corporation ML4830CS Datasheet HTML 11Page - Micro Linear Corporation ML4830CS Datasheet HTML 12Page - Micro Linear Corporation ML4830CS Datasheet HTML 13Page - Micro Linear Corporation ML4830CS Datasheet HTML 14Page - Micro Linear Corporation ML4830CS Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ML4830
12
TABLE 1: PARTS LIST FOR ML4830 TYPICAL APPLICATION (Continued)
RESISTORS: (Continued)
QTY.
REF.
DESCRIPTION
MFR.
PART NUMBER
4
R14
100K, 1/4W, 5%, carbon film resistor
Yageo
100K-Q
1
R15
681K, 1/4W, 5%, carbon film resistor
Yageo
681K-Q
1
R16, 19
10K, 1/4W, 1%, metal film resistor
Dale
SMA4-10K-1
1
R18
4.7K, 1/4W, 5%, carbon film resistor
Tageo
681K-Q
1
R21
33ý, 1/4W, 5%, carbon film resistor
Yageo
33-Q
1
R23
25K, pot (for dimming adjustment)
Bourns
3386P-253-ND
DIODES:
4
D1, 2, 3, 4
1A, 600V, 1N4007 diode
Motorola
1N4007TR
(or 1N5061 as a substitute)
2
D5, 6
1A, 50V (or more), 1N4001 diodes
Motorola
1N4001TR
1
D7
3A, 400V, BYV26C or BYT03 400 fast recovery
GI
BYV26C
or MUR440 Motorola ultra Fast diode
6
D8, 9, 10, 11
0.1A, 75V, 1N4148 signal diode
Motorola
1N4148TR
12, 13
IC’s:
1
IC1
ML4830, Electronic Ballast Controller IC
Micro
ML4830CP
Linear
TRANSISTORS:
3
Q1, 2, 3
3.3A, 400V, IRF720 power MOSFET
IR
IR720
MAGNETICS:
1
T1
T1 Boost Inductor, E24/25, 1mH, Custom Coils P/N 5039 or Coiltronics P/N CTX05-12538-1
E24/25 core set, TDK PC40 material
8-pin vertical bobbin (Cosmo #4564-3-419),
Wind as follows:
195 turns 25AWG magnet wire, start pin #1, end pin #4
1 layer mylar tape
14 turns 26AWG magnet wire, start pin #3, end pin #2
NOTE: Gap for 1mH ±5%
1
T2
T2 Gate Drive Xfmr, LPRI = 3mH, Custom Coils P/N 5037 or Coiltronics P/N CTX05-12539-1
Toroid Magnetics YW-41305-TC
Wind as follows:
Primary = 25 turns 30AWG magnet wire, start pin #1, end pin #4
Secondary = 50 turns 30AWG magnet wire, start pin #5, end pin #8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com