Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4830CS
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4830CS Datasheet HTML 1Page - Micro Linear Corporation ML4830CS Datasheet HTML 2Page - Micro Linear Corporation ML4830CS Datasheet HTML 3Page - Micro Linear Corporation ML4830CS Datasheet HTML 4Page - Micro Linear Corporation ML4830CS Datasheet HTML 5Page - Micro Linear Corporation ML4830CS Datasheet HTML 6Page - Micro Linear Corporation ML4830CS Datasheet HTML 7Page - Micro Linear Corporation ML4830CS Datasheet HTML 8Page - Micro Linear Corporation ML4830CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ML4830
5
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OVP/Inhibit Comparator (Pin 11)
OVP Threshold
4.87
5.0
5.13
V
Hysteresis
0.5
V
Input Bias Current
-0.3
–2
µA
Propagation Delay
500
ns
Shutdown Threshold
6.36
6.7
7.04
V
Shutdown Hysteresis
0.7
1.2
1.7
V
PWM Comparator (PWM Mode)
Start Period Duty Cycle
40
50
60
%
Outputs
Output Voltage Low
IOUT = 20mA
0.4
0.8
V
IOUT = 200mA
2.1
3.0
V
Output Voltage High
IOUT = –20mA
VCC – 2.5 VCC – 1.9
V
IOUT = –200mA
VCC – 3.0 VCC – 2.2
V
Output Voltage Low in UVLO
IOUT = 10mA, VCC = 8V
0.8
1.5
V
Output Rise/Fall Time
CL = 1000pF
50
ns
Under-Voltage Lockout and Bias Circuits
IC Shunt Voltage (VCCZ)ICC = 25mA
12.8
13.5
14.2
V
VCCZ Load Regulation
25mA < ICC < 68mA
150
300
mV
VCCZ Total Variation
Load, Temp
12.4
14.6
V
Start-up Current
VCC - 12.3V
1.3
1.7
mA
Operating Current
VCC = VCCZ – 0.5V
15
19
mA
Start-up Threshold
VCCZ – 0.5
V
Shutdown Threshold
VCCZ – 3.5
V
Shutdown Temperature (TJ)
120
°C
Hysteresis (TJ)
30
°C
FUNCTIONAL DESCRIPTION
OVERVIEW
The ML4830 consists of an Average Current controlled
continuous boost Power Factor front end section with a
flexible ballast control section. Start-up and lamp-out retry
timing are controlled by the selection of external timing
components, allowing for control of a wide variety of
different lamp types. The ballast control section can be set
up to adjust lamp power using either Pulse Width (PWM)
or frequency modulation (FM). Either non-overlapping or
overlapping conduction can be selected for the FM mode.
This allows for the IC to be used with a variety of different
ouput networks.
POWER FACTOR SECTION
The ML4830 Power Factor section is an average current
sensing boost mode PFC control circuit which is
architecturally similar to that found in the ML4821. For
detailed information on this control architecture, please
refer to Application Note 16 and the ML4821 data sheet.
GAIN MODULATOR
The ML4830 gain modulator provides high immunity to
the disturbances caused by high power switching. The
rectified line input sine wave is converted to a current via
a dropping resistor. In this way, small amounts of ground
noise produce an insignificant effect on the reference to
the PWM comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com